Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6021A4NE4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TPA6021A4NE4
Szczegółowy opis  2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6021A4NE4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA6021A4NE4 Datasheet HTML 3Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 4Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 5Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 6Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 7Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 8Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 9Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 10Page - Texas Instruments TPA6021A4NE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500
1 k
2 k
5 k 10 k
f - Frequency - Hz
V
= 5 V
R = 32
Gain = 14 dB
C = 0.47 F
SE Stereo
DD
L
I
W
m
C = 330 F
O
m
P = 75 W
O
m
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500
1 k
2 k
5 k 10 k
f - Frequency - Hz
V = 1 V
O
RMS
V
= 5 V
R = 10 k
Gain = 14 dB
C = 0.47 F
SE Stereo
DD
L
I
W
m
C = 330 F
O
m
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
5
0.02
0.01
0.05
0.1
0.2
0.5
1
2
PO - Output Power - W
20 Hz
V
= 5 V
R = 4
Gain = 20 dB
C = 0.47 F
BTL Stereo
DD
L
I
W
m
20 kHz
1 kHz
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
5
0.02
0.01
0.05
0.1
0.2
0.5
1
2
PO - Output Power - W
1 kHz
20 Hz
V
= 5 V
R = 8
Gain = 20 dB
C = 0.47 F
BTL Stereo
DD
L
I
W
m
20 kHz
TPA6021A4
SLOS465 – JUNE 2005
TOTAL HARMONIC DISTORTION + NOISE (SE)
TOTAL HARMONIC DISTORTION + NOISE (SE)
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
7


Podobny numer części - TPA6021A4NE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2EVM TI-TPA6020A2EVM Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGW TI-TPA6020A2RGW Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGWR TI-TPA6020A2RGWR Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6020A2RGWRG4 TI-TPA6020A2RGWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA6021A4NE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com