Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ74LV620 Arkusz danych(PDF) 1 Page - Integral Corp.

Numer części IZ74LV620
Szczegółowy opis  OCTAL 3-STATE INVERTING BUS TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV620 Arkusz danych(HTML) 1 Page - Integral Corp.

  IZ74LV620 Datasheet HTML 1Page - Integral Corp. IZ74LV620 Datasheet HTML 2Page - Integral Corp. IZ74LV620 Datasheet HTML 3Page - Integral Corp. IZ74LV620 Datasheet HTML 4Page - Integral Corp. IZ74LV620 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74LV620
1
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
Microcircuits IN74LV620 are pin-to-pin compatible with
microcircuits of series 74ALS620, 74HC620, 74HCT620.
Input voltage levels are compatible with standard C-MOS
levels
Features:
Output voltage levels are compatible with input levels C-
MOS, N-MOS and TTL microcircuits.
Supply voltage range from 1.2 to 3.6 V.
Maximum input current: 1.0 mkA; 0.1 mkA at Т = 25
°С.
Consumption current 8 mA.
ORDERING INFORMATION
IN74LV620N
Plastic
IN74LV620D
SOIC
IZ74LV620
Chip
TA = -40° ÷ 125° C for all packages
Truth table
Inputs
Inputs/Outputs
OEB
OEA
А
В
L
L
A=B
input
H
H
input
B=A
L
H
Z
Z
H
H
A=B
B=A
Block diagram
18
B
8
03
17
B
1
A
1
04
16
B
2
A
2
05
15
B
3
A
3
06
14
B
4
A
4
07
13
B
5
A
5
08
12
B
6
A
6
09
11
B
7
A
7
01
OEB
02
19
OEA
A
8
Pinout
620
OEB 01
A
8
02
A
1
03
A
2
04
A
3
05
A
4
06
A
5
07
A
6
08
A
7
09
GND 10
20
19
18
17
16
15
14
13
12
11
B
8
B
1
B
2
B
3
B
4
B
5
B
6
B
7
OEA
V
CC


Podobny numer części - IZ74LV620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ74LV623 INTEGRAL-IZ74LV623 Datasheet
133Kb / 5P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
More results

Podobny opis - IZ74LV620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com