Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL494BDR2 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części TL494BDR2
Szczegółowy opis  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494BDR2 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button TL494BDR2 Datasheet HTML 4Page - ON Semiconductor TL494BDR2 Datasheet HTML 5Page - ON Semiconductor TL494BDR2 Datasheet HTML 6Page - ON Semiconductor TL494BDR2 Datasheet HTML 7Page - ON Semiconductor TL494BDR2 Datasheet HTML 8Page - ON Semiconductor TL494BDR2 Datasheet HTML 9Page - ON Semiconductor TL494BDR2 Datasheet HTML 10Page - ON Semiconductor TL494BDR2 Datasheet HTML 11Page - ON Semiconductor TL494BDR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
L1 − 3.5 mH @ 0.3 A
T1 − Primary: 20T C.T. #28 AWG
T1 − Secondary: 12OT C.T. #36 AWG
T1 − Core: Ferroxcube 1408P−L00−3CB
TL494, NCV494
http://onsemi.com
9
Figure 18. Slaving Two or More Control Circuits
Figure 19. Operation with Vin > 40 V Using
External Zener
Figure 20. Pulse Width Modulated Push−Pull Converter
RT
CT
6
5
Vref
RT
CT
Master
Vref
Slave
(Additional
Circuits)
RT
CT
5
6
Vin > 40V
RS
VZ = 39V
1N975A
VCC
5.0V
Ref
12
270
Gnd
7
+Vin = 8.0V to 20V
1
2
3
15
16
+
+
Comp
OC
VREF DT
CT
RT Gnd
E1
E2
13
14
45679
10
1M
33k
0.01 0.01
VCC
C1
C2
8
11
47
47
10
+
10k
4.7k
4.7k
15k
Tip
32
+
T1
1N4934
L1
1N4934
240
+
50
35V
4.7k
1.0
22
k
+
+VO = 28 V
IO = 0.2 A
12
All capacitors in
mF
TL494
0.001
50
35V
50
25V
Tip
32
Test
Conditions
Results
Line Regulation
Vin = 10 V to 40 V
14 mV 0.28%
Load Regulation
Vin = 28 V, IO = 1.0 mA to 1.0 A
3.0 mV 0.06%
Output Ripple
Vin = 28 V, IO = 1.0 A
65 mV pp P.A.R.D.
Short Circuit Current
Vin = 28 V, RL = 0.1 W
1.6 A
Efficiency
Vin = 28 V, IO = 1.0 A
71%


Podobny numer części - TL494BDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TL494BDR2 ONSEMI-TL494BDR2 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2 ONSEMI-TL494BDR2 Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2 ONSEMI-TL494BDR2 Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
TL494BDR2G ONSEMI-TL494BDR2G Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
TL494BDR2G ONSEMI-TL494BDR2G Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
More results

Podobny opis - TL494BDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com