Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2804A Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części ULN2804A
Szczegółowy opis  OCTAL PERIPHERAL DRIVER ARRAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ULN2804A Arkusz danych(HTML) 1 Page - ON Semiconductor

  ULN2804A Datasheet HTML 1Page - ON Semiconductor ULN2804A Datasheet HTML 2Page - ON Semiconductor ULN2804A Datasheet HTML 3Page - ON Semiconductor ULN2804A Datasheet HTML 4Page - ON Semiconductor ULN2804A Datasheet HTML 5Page - ON Semiconductor ULN2804A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ULN2803
ULN2804
SEMICONDUCTOR
TECHNICAL DATA
OCTAL PERIPHERAL
DRIVER ARRAYS
PIN CONNECTIONS
Order this document by ULN2803/D
A SUFFIX
PLASTIC PACKAGE
CASE 707
6
9
8
7
5
4
3
2
1
10
11
12
13
14
15
16
17
18
Gnd
1
MOTOROLA ANALOG IC DEVICE DATA
Octal High Voltage,
High Current Darlington
Transistor Arrays
The eight NPN Darlington connected transistors in this family of arrays
are ideally suited for interfacing between low logic level digital circuitry (such
as TTL, CMOS or PMOS/NMOS) and the higher current/voltage
requirements of lamps, relays, printer hammers or other similar loads for a
broad range of computer, industrial, and consumer applications. All devices
feature open–collector outputs and free wheeling clamp diodes for transient
suppression.
The ULN2803 is designed to be compatible with standard TTL families
while the ULN2804 is optimized for 6 to 15 volt high level CMOS or PMOS.
MAXIMUM RATINGS (TA = 25°C and rating apply to any one device in the
package, unless otherwise noted.)
Rating
Symbol
Value
Unit
Output Voltage
VO
50
V
Input Voltage (Except ULN2801)
VI
30
V
Collector Current – Continuous
IC
500
mA
Base Current – Continuous
IB
25
mA
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
Junction Temperature
TJ
125
°C
R
θJA = 55°C/W
Do not exceed maximum current limit per driver.
ORDERING INFORMATION
Di
Characteristics
Device
Input
Compatibility
VCE(Max)/IC(Max)
Operating
Temperature
Range
ULN2803A
TTL, 5.0 V CMOS
50 V/500 mA
TA = 0 to + 70°C
ULN2804A
6 to 15 V CMOS, PMOS
50 V/500 mA
TA = 0 to + 70°C
© Motorola, Inc. 1996
Rev 1


Podobny numer części - ULN2804A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
ULN2804A ALLEGRO-ULN2804A Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2804A ALLEGRO-ULN2804A Datasheet
272Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
ULN2804A ALLEGRO-ULN2804A Datasheet
281Kb / 10P
   High Voltage High Current Darlington Arrays
October 31, 2005
logo
Toshiba Semiconductor
ULN2804A TOSHIBA-ULN2804A Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
STMicroelectronics
ULN2804A STMICROELECTRONICS-ULN2804A Datasheet
267Kb / 14P
   Eight Darlington array
More results

Podobny opis - ULN2804A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1411 MOTOROLA-MC1411 Datasheet
200Kb / 4P
   Peripheral Driver Arrays
logo
National Semiconductor ...
DP8310 NSC-DP8310 Datasheet
197Kb / 9P
   Octal Latched Peripheral Drivers
logo
Texas Instruments
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
Sanken electric
SLA4052 SANKEN-SLA4052 Datasheet
121Kb / 3P
   Sink Driver Arrays
SLA4051 SANKEN-SLA4051 Datasheet
121Kb / 3P
   Sink Driver Arrays
logo
National Semiconductor ...
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
   DS3656 Quad Peripheral Driver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com