Zakładka z wyszukiwarką danych komponentów |
|
TC-210-DAC-507A Arkusz danych(PDF) 2 Page - Vectron International, Inc |
|
TC-210-DAC-507A Arkusz danych(HTML) 2 Page - Vectron International, Inc |
2 / 5 page Output Options: Standard Stability Options: Stability vs Supply: B-307 = ±3.0 x 10-7 over 0ºC to +50ºC B-ST3 = Stratum 3 over 0ºC to +50ºC C-ST3 = Stratum 3 over 0ºC to +70ºC C-507 = ±5.0 x 10-7 over 0ºC to +70ºC F-106 = ±1.0 x 10-6 over -40ºC to +85ºC STRATUM 3 per GR-1244-CORE Table 3-1 Total Stability: <±4.6 x 10-6 for all causes & 10 years Vs Holdover: <±3.7 x 10-7 for all causes and 24 Hours (Available in Temperature Ranges B & C) Current Draw: Current draw will vary greatly depending on frequency and output type. For this series TCXO typical current draw will be about 15 mA and depending on output type may be less than 2 mA. Please consult the factory about your exact current requirements. Supply Voltage (Vdd): (Other options are available upon request) C = 5 Vdc ±5% D = 3.3 Vdc ±5% Electrical Frequency Adjust: ±5 ppm minimum via external voltage, 0 to Vdd Phase Noise (Typical): 10 MHz Offset Phase Noise 100 Hz -115 dBc/Hz 1k Hz -145 dBc/Hz 10k Hz -150 dBc/Hz 100k Hz -155 dBc/Hz Aging (typical): <3.5 ppm for ten years @ +70ºC <±0.1 ppm for a ±5% change in Supply Voltage Package: 210 = 29.21 x 25.40 x 10.03 mm (1.15x 1.00x 0.395) (See page 3) A = HCMOS / ACMOS 0.5 to 160 MHz B = 10 TTL 0.5 to 160 MHz F = Complementary PECL 35 to 160 MHz G = 0 dBm / 50 ohm 5.0 to 100 MHz Note: Other stability options are available. Contact the factory for assistance. For HCMOS / ACMOS / TTL & PECL outputs with frequencies above 35 MHz a low phase noise PLL multiplier may be used. Please inform that factory of your phase noise requirements. Standard Frequencies: 10.00, 12.80, 16.384, 19.44, 20.00, 38.88, 40.00, 77.76, 155.52 MHz, Available from 0.5 MHz to 160 MHz * * * Vectron International 267 Lowell Road, Hudson, NH 03051 |
Podobny numer części - TC-210-DAC-507A |
|
Podobny opis - TC-210-DAC-507A |