Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ACDR2 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części TL431ACDR2
Szczegółowy opis  PROGRAMMABLE PRECISION REFERENCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACDR2 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button TL431ACDR2 Datasheet HTML 7Page - ON Semiconductor TL431ACDR2 Datasheet HTML 8Page - ON Semiconductor TL431ACDR2 Datasheet HTML 9Page - ON Semiconductor TL431ACDR2 Datasheet HTML 10Page - ON Semiconductor TL431ACDR2 Datasheet HTML 11Page - ON Semiconductor TL431ACDR2 Datasheet HTML 12Page - ON Semiconductor TL431ACDR2 Datasheet HTML 13Page - ON Semiconductor TL431ACDR2 Datasheet HTML 14Page - ON Semiconductor TL431ACDR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
11
APPLICATIONS INFORMATION
The TL431 is a programmable precision reference which
is used in a variety of ways. It serves as a reference voltage
in circuits where a non−standard reference voltage is
needed. Other uses include feedback control for driving an
optocoupler in power supplies, voltage monitor, constant
current source, constant current sink and series pass
regulator. In each of these applications, it is critical to
maintain stability of the device at various operating currents
and load capacitances. In some cases the circuit designer can
estimate the stabilization capacitance from the stability
boundary conditions curve provided in Figure 15. However,
these typical curves only provide stability information at
specific cathode voltages and at a specific load condition.
Additional information is needed to determine the
capacitance needed to optimize phase margin or allow for
process variation.
A simplified model of the TL431 is shown in Figure 31.
When tested for stability boundaries, the load resistance is
150
W. The model reference input consists of an input
transistor and a dc emitter resistance connected to the device
anode. A dependent current source, Gm, develops a current
whose amplitude is determined by the difference between
the 1.78 V internal reference voltage source and the input
transistor emitter voltage. A portion of Gm flows through
compensation capacitance, CP2. The voltage across CP2
drives the output dependent current source, Go, which is
connected across the device cathode and anode.
Model component values are:
Vref = 1.78 V
Gm = 0.3 + 2.7 exp (−IC/26 mA)
where IC is the device cathode current and Gm is in mhos
Go = 1.25 (Vcp2) mmhos.
Resistor and capacitor typical values are shown on the
model. Process tolerances are
±20% for resistors, ±10% for
capacitors, and
±40% for transconductances.
An examination of the device model reveals the location
of circuit poles and zeroes:
P1 +
1
2p RGM CP1
+
1
2p * 1.0 M * 20 pF +
7.96 kHz
P2 +
1
2p RP2CP2
+
1
2p * 10 M * 0.265 pF +
60 kHz
Z1 +
1
2p RZ1CP1
+
1
2p * 15.9k * 20pF +
500 kHz
In addition, there is an external circuit pole defined by the
load:
PL +
1
2p RLCL
Also, the transfer dc voltage gain of the TL431 is:
G + GMRGMGoRL
Example 1:
IC+10mA,RL+ 230 W,CL+ 0. Define the transfer gain.
The DC gain is:
G + GMRGMGoRL +
(2.138)(1.0 M)(1.25 m)(230) + 615 + 56 dB
Loop gain + G
8.25 k
8.25 k ) 15 k +
218 + 47 dB
The resulting transfer function Bode plot is shown in
Figure 32. The asymptotic plot may be expressed as the
following equation:
Av + 615
1 )
jf
500 kHz
1 )
jf
8.0 kHz
1 )
jf
60 kHz
The Bode plot shows a unity gain crossover frequency of
approximately 600 kHz. The phase margin, calculated from
the equation, would be 55.9 degrees. This model matches the
Open−Loop Bode Plot of Figure 12. The total loop would
have a unity gain frequency of about 300 kHz with a phase
margin of about 44 degrees.


Podobny numer części - TL431ACDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TL431ACDR2 ONSEMI-TL431ACDR2 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431ACDR2G ONSEMI-TL431ACDR2G Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431ACDR2G ONSEMI-TL431ACDR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431ACDR2G ONSEMI-TL431ACDR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431ACDR2G ONSEMI-TL431ACDR2G Datasheet
181Kb / 18P
   Programmable Precision References
March, 2016 ??Rev. 38
More results

Podobny opis - TL431ACDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com