Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7822U Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7822U
Szczegółowy opis  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7822U Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS7822U Datasheet HTML 4Page - Texas Instruments ADS7822U Datasheet HTML 5Page - Texas Instruments ADS7822U Datasheet HTML 6Page - Texas Instruments ADS7822U Datasheet HTML 7Page - Texas Instruments ADS7822U Datasheet HTML 8Page - Texas Instruments ADS7822U Datasheet HTML 9Page - Texas Instruments ADS7822U Datasheet HTML 10Page - Texas Instruments ADS7822U Datasheet HTML 11Page - Texas Instruments ADS7822U Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADS7822
8
SBAS062A
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 75kHz, fCLK = 16 • fSAMPLE, unless otherwise specified.
POWER SUPPLY REJECTION vs RIPPLE FREQUENCY
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
1k
10k
100k
1M
10M
Ripple Frequency (Hz)
V
CC = 2.7V
Ripple = 500mV
PP
V
IN = 1.25VDC
V
REF = 2.5V
PSR (dB) = 20log(500mV/
∆V
O)
where
∆V
O = change in digital result
POWER SUPPLY REJECTION vs RIPPLE FREQUENCY
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
1k
10
10k
1
100k
1M
10M
Ripple Frequency (Hz)
V
CC = 5V
Ripple = 500mV
PP
V
IN = 2.5VDC
V
REF = 5V
PSR (dB) = 20log(500mV/
∆V
O)
where
∆V
O = change in digital result
CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
0.20
0.15
0.10
0.05
0.00
–0.05
–0.10
12345
Reference Voltage (V)
V
CC = 5V
Change in Integral
Linearity (LSB)
Change in Differential
Linearity (LSB)


Podobny numer części - ADS7822U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7822U TI1-ADS7822U Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822U/2K5 TI1-ADS7822U/2K5 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822U/2K5G4 TI1-ADS7822U/2K5G4 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822UB TI1-ADS7822UB Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822UB/2K5 TI1-ADS7822UB/2K5 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7822U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com