Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM6580 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części DM6580
Szczegółowy opis  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

DM6580 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM6580 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6580 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
9
Version: DM560P-DS-P07
August 11, 2000
UART Clock
The internal clock of the virtual UART logic is fixed at
1.8432MHz. The clock is derived from the MSCLK
signal from the DM6582 DSP, or an external 30Mhz
crystal. The UART 1.8432MHz clock will be obtained
by division. When the operating frequency of the
DM6583 controller changes, the divider should be
changed accordingly. This divider is specified by the
Configuration Register which can be written by the
DM6583 controller. The address mapping of the
register is D400H: (DM6583 controller memory
mapping)
Bit 0: Always 0.
Bit 6-1: define the clock divider range from 2 to 64
(even number).
Bit 7: Not used.
UART Baud Generator Divisor Latch Register:
Address EC00H
Read only
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
dat7 dat6 dat5 dat4 dat3 dat2 dat1 dat0
By reading this register, the micro-controller can
monitor the value of the low byte divisor latch of the
virtual UART baud generator (see DLL in next
section) and determine the baud rate clock itself.
Modem Status Control Register (MSCR):
Address E000H
Write only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0000/CTS /DSR /DCD
/RI
This register contains information about the line
status of the modem. The available signals are Ring
Detect (/RI), Carrier Detect (/DCD), Data Set Ready
(/DSR) and Clear To Send (/CTS).
Modem Output Port Register: Address D000H
Write only
bit7
bit6
bit5
bit4 bit3
bit2
bit1
bit0
/Voice Voice
-sel2
Voice
-Sel1
/POR
These 4 bits control the DM6583 output ports.
PnP Isolation & Resource Data Port: Address
F800H
Write only
The PnP isolation and resource data can be byte-
sequentially written to the corresponding memory
through this register.
Auto-configuration Register: Address F400H
bit2 bit1 bit0 IRQ bit5 bit4 bit3 I/O
0
0
0
3
0
0
0
03F8-03FF(COM1)
0
0
1
4
0
0
1
02F8-02FF(COM2)
0
1
0
5
0
1
0
03E8-03EF(COM3)
0
1
1
7
0
1
1
02E8-02EF(COM4)
1
0
0
10
1
0
0
03F0-03F7(COM5)
1
0
1
11
1
0
1
02F0-02F7(COM6)
1
1
0
12
1
1
0
03E0-03E7(COM7)
1
1
1
15
1
1
1
02E0-02E7(COM8)
The default I/O base and IRQ data stored in 93C46 is
loaded to this register by the micro-controller. The
micro-controller can also get the current I/O base
and IRQ information settings by performing a read
from this register. The configuration determined by
this register will be disabled when the register
detects the Initiation Key described in the next
section.
Bit 6: This bit is set to inform micro-controller that the
current I/O base and IRQ data should be stored to
93C46 as the default setting for the next power-on
reset through programming the Auto-configuration
Register. This bit will be cleared by micro-controller.
Bit 7: When bit 7 is set, it enables the hardware
configuration to be set according to bit 0-bit 5
(Jumperless mode) and loads the proper value into
the PnP Registers including I/O and Interrupt
Configuration Registers. This bit will be reset, when it
receives PnP Initiation Key sequence.


Podobny numer części - DM6580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DM6580 ETC1-DM6580 Datasheet
292Kb / 43P
   V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
DM6580E ETC1-DM6580E Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
Davicom Semiconductor, ...
DM6580E DAVICOM-DM6580E Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM6580L ETC1-DM6580L Datasheet
292Kb / 43P
   V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
More results

Podobny opis - DM6580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM562P ETC1-DM562P Datasheet
292Kb / 43P
   V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com