Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTF3055-100T3G Arkusz danych(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Numer części NTF3055-100T3G
Szczegółowy opis  N-Channel 0-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NTF3055-100T3G Arkusz danych(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  NTF3055-100T3G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd NTF3055-100T3G Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
3
6
9
12
15
18
0
255075
100
125
150
TC - Case Temperature (°C)
Package Limited
Power Derating
0
2
4
6
8
25
50
75
100
125
150
TC - Case Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
NTF3055-100T3G
5


Podobny numer części - NTF3055-100T3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTF3055-100T3G ONSEMI-NTF3055-100T3G Datasheet
70Kb / 6P
   Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
NTF3055-100T3G ONSEMI-NTF3055-100T3G Datasheet
113Kb / 6P
   Power MOSFET 3.0 Amps, 60 Volts
October, 2011 ??Rev. 4
NTF3055-100T3G ONSEMI-NTF3055-100T3G Datasheet
80Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 5
More results

Podobny opis - NTF3055-100T3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI4944DY-T1-E3 VBSEMI-SI4944DY-T1-E3 Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
SI4202DY-T1-E3 VBSEMI-SI4202DY-T1-E3 Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
VBI1695 VBSEMI-VBI1695 Datasheet
607Kb / 8P
   N-Channel 0-V (D-S) MOSFET
VBJ1695 VBSEMI-VBJ1695 Datasheet
674Kb / 8P
   N-Channel 0-V (D-S) MOSFET
TPC8223-H VBSEMI-TPC8223-H Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
STS8DN3LLH5 VBSEMI-STS8DN3LLH5 Datasheet
935Kb / 9P
   N-Channel 0-V (D-S) MOSFET
CEA6426 VBSEMI-CEA6426 Datasheet
1Mb / 8P
   N-Channel 0-V (D-S) MOSFET
AO4832 VBSEMI-AO4832 Datasheet
1Mb / 9P
   N-Channel 0-V (D-S) MOSFET
2SK1273 VBSEMI-2SK1273 Datasheet
1Mb / 8P
   N-Channel 0-V (D-S) MOSFET
DTM4926 VBSEMI-DTM4926 Datasheet
976Kb / 9P
   N-Channel 0-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com