Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XZCP2540L2 Arkusz danych(PDF) 2 Page - Schneider Electric

Numer części XZCP2540L2
Szczegółowy opis  pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCP2540L2 Arkusz danych(HTML) 2 Page - Schneider Electric

  XZCP2540L2 Datasheet HTML 1Page - Schneider Electric XZCP2540L2 Datasheet HTML 2Page - Schneider Electric XZCP2540L2 Datasheet HTML 3Page - Schneider Electric XZCP2540L2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months


Podobny numer części - XZCP2540L2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
XZCP2540L10 SCHNEIDER-XZCP2540L10 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 10m
XZCP2540L5 SCHNEIDER-XZCP2540L5 Datasheet
94Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 5m
More results

Podobny opis - XZCP2540L2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
XZCP1340L2 SCHNEIDER-XZCP1340L2 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCP1440L2 SCHNEIDER-XZCP1440L2 Datasheet
92Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCP1264L2 SCHNEIDER-XZCP1264L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
XZCP12V12L2 SCHNEIDER-XZCP12V12L2 Datasheet
77Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
XZCP1241L2 SCHNEIDER-XZCP1241L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PUR 2m
XZCP0666L2 SCHNEIDER-XZCP0666L2 Datasheet
88Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 3 pins - cable PUR 2m
XZCP0866L2 SCHNEIDER-XZCP0866L2 Datasheet
94Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 3 pins - cable PUR 2m
XZCP0766L2 SCHNEIDER-XZCP0766L2 Datasheet
97Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 3 pins - cable PUR 2m
XZCPB1241L2 SCHNEIDER-XZCPB1241L2 Datasheet
92Kb / 4P
   pre-wired connectors XZ -elbowed female - M12-4 pins - shielded cable PUR 2m
XZCPV1340L2 SCHNEIDER-XZCPV1340L2 Datasheet
81Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PVC 2m
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com