Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

JT028-YG-CDL Dane(HTML) 1 Page - Mallory Sonalert Products Inc

Numer części JT028-YG-CDL
Szczegółowy opis  CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
Pobierz  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MSPI [Mallory Sonalert Products Inc]
Strona internetowa  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JT028-YG-CDL Datasheet(Arkusz danych) 1 Page - Mallory Sonalert Products Inc

  JT028-YG-CDL Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
17
PATENT NUMBER
D898600
10309594
Specifications:
Mallory Sonalert Products, Inc.
JT028-YG-CDL
Sales Outline Drawing
D
Stack Number:
1
2
LED Color:
YELLOW
GREEN
Connection Wires:
Yellow and Brown
Green and Brown
LED Current Draw:
<60 mA
<40 mA
Rated Voltage:
24 VAC/DC
Operating Voltage:
20-28 VAC/DC
Sound Level Category:
Loud
Loud
Loud
Loud
Connection:
Black and Gray
Wires
Black and Gray
Wires; Orange wire
connected to
Black and Gray Wires; Purple
wire connected to Green/Yellow
wire
Black and Gray wires; Orange and Purple
wires connected to Green/Yellow wire
Mode of Operation:
Continuous
Medium Pulse
(5PPS)
Double Pulse (0.5PPS)
Continuous for 5 sec then 0.1s beep until
reset
40mA Max.
Frequency:
2000 ± 500 Hz
Total Max Current:
<140mA with all LED's and sound unit working
Loudness @ 1m:
80-85 dB(A) Typ.
Sound Current Draw:
40mA Max.
40mA Max.
40mA Max.
Operating Temperature:
-25° ~ +60°C
Lens Color:
Opaque White
Material:
ABS FR15U
Mounting Method:
Direct Mount using 1/2" NPT Stainless Steel Pipe and Nut
Weight Typical (g):
315
NEMA 12:
Approved
Options:
Please contact factory.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
LED OPERATION:
CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER.
SOUND OPERATION:
CONNECT GRAY AND BLACK WIRES TO POWER FOR CONTINUOUS SOUND.
FOR MEDIUM PULSE, CONNECT GRAY & BLACK TO POWER AND ORANGE WIRE TO GREEN/YELLOW WIRE.
FOR DOUBLE PULSE, CONNECT GRAY & BLACK TO POWER AND PURPLE WIRE TO GREEN/YELLOW WIRE.
FOR CONT/BEEP, CONNECT GRAY & BLACK TO POWER AND ORANGE & PURPLE TO GREEN/YELLOW WIRE.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn