Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X3G-OH047 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części X3G-OH047
Szczegółowy opis  Magnetic field sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

X3G-OH047 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  X3G-OH047 Datasheet HTML 1Page - NXP Semiconductors X3G-OH047 Datasheet HTML 2Page - NXP Semiconductors X3G-OH047 Datasheet HTML 3Page - NXP Semiconductors X3G-OH047 Datasheet HTML 4Page - NXP Semiconductors X3G-OH047 Datasheet HTML 5Page - NXP Semiconductors X3G-OH047 Datasheet HTML 6Page - NXP Semiconductors X3G-OH047 Datasheet HTML 7Page - NXP Semiconductors X3G-OH047 Datasheet HTML 8Page - NXP Semiconductors X3G-OH047 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
X3G_T_OH047_048
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product specification
Rev. 1 — 4 April 2011
5 of 19
NXP Semiconductors
X3G-OH047/8; X3T-OH047/8
Magnetic field sensor
6.
Characteristics
[1]
Minimum stimulating magnetic field parallel to the chip surface (x-y plane) to achieve angular inaccuracy.
[2]
Applicable for bridge 1 and bridge 2.
[3]
VM = VO(max)  Voffset. Periodicity of VM: sin(2) and cos(2), respectively.
[4]
[5]
Bridge resistance between pad 5 to pad 1 and pad 4 to pad 2.
[6]
[7]
[8]
[9]
[10]
[11]
; Voffset = 0 V; inaccuracy of angular measurement due to deviations from ideal sinusoidal characteristics,
calculated from the third and fifth harmonics of the spectrum VO.
Table 6.
Characteristics
Tamb =25 C; Hext =25 kA/m[1]; VCC = 5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
-
5
9
V
VM
peak voltage
see Figure 3
[2][3] 60
67
75
mV
TCVM
peak voltage temperature
coefficient
Tamb = 40 C to +150 C
[2][4]
0.30
0.36
0.42
%/K
Rbridge
bridge resistance
[2][5] 2.7
3.2
3.7
k
TCR(bridge)
bridge resistance
temperature coefficient
Tamb = 40 C to +150 C
[2][6] 0.24
0.27
0.29
%/K
Voffset
offset voltage
per supply voltage;
see Figure 3
[2]
2-
+2
mV/V
TCV(offset)
offset voltage temperature
coefficient
per supply voltage;
Tamb = 40 C to +150 C;
see Figure 3
[2][7]
2-
+2
(
V/V)/K
Vo(hys)
hysteresis output voltage
see Figure 4
[2][8] 0
0.050.18%FS
angular velocity
0
-
1
MHz
k
amplitude synchronism
[9] 98.9
100
101.1
%
TCk
amplitude synchronism
temperature coefficient
Tamb = 40 C to +150 C
[10]
0.01
0
+0.01
%/K

angular inaccuracy
[11] 0
0.05
0.1
deg
TC
VM
V
M at 150 C
 V
M at
40
C

V
M at 25 C

150
C40
C


---------------------------------------------------------------------------------------------
=
TC
Rbridge

R
bridge at 150 C
 R
bridge at
40
C

R
bridge at 25 C

150
C40
C


-------------------------------------------------------------------------------------------------------
=
TC
V offset

V
offset at 150 C
 V
offset at
40
C

150
C40
C

--------------------------------------------------------------------------------------------------
=
V
ohys
1
V
O1 67.5
135
45
 V
O1 67.5
45
135

2V
M1
---------------------------------------------------------------------------------------------------------------------------
=
V
ohys
2
V
O2 22.5
90
0
 V
O2 22.5
0
90

2V
M2
---------------------------------------------------------------------------------------------------------------
=
k
V
M1
V
M2
----------
=
TC
k
kat 150
C
 kat 40
C

kat 25
C

150
C40
C


----------------------------------------------------------------------------------------
=

real
meas
=


Podobny numer części - X3G-OH047

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujikura Ltd.
X3GM-3001MPGSR FUJIKURA-X3GM-3001MPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
X3GM-3050KPGSR FUJIKURA-X3GM-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
X3GM-3100KPGSR FUJIKURA-X3GM-3100KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
X3GM-3100KPGVSR FUJIKURA-X3GM-3100KPGVSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
X3GM-3100KPGWSR FUJIKURA-X3GM-3100KPGWSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
More results

Podobny opis - X3G-OH047

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com