Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

JT120-G-CS Dane(HTML) 1 Page - Mallory Sonalert Products Inc

Numer części JT120-G-CS
Szczegółowy opis  CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
Pobierz  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MSPI [Mallory Sonalert Products Inc]
Strona internetowa  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JT120-G-CS Datasheet(Arkusz danych) 1 Page - Mallory Sonalert Products Inc

  JT120-G-CS Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
36
PATENT NUMBER
D898600
Specifications:
Mallory Sonalert Products, Inc.
JT120-G-CS
Sales Outline Drawing
C
Stack Number:
1
LED Color:
GREEN
Connection Wires:
Green and Brown
LED Current Draw:
<190 mA
Total Max Current:
<190mA
Operating Temperature:
-25° ~ +60°C
Rated Voltage:
120 VAC
Operating Voltage:
90-120 VAC
Lens Color:
Opaque White
Material:
ABS FR15U
Mounting Method:
Stainless Steel Pole
Weight Typical (g):
540
NEMA 12:
Approved
Options:
Please contact factory.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
LED OPERATION:
CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn