Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54CWT1G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części BAT54CWT1G
Szczegółowy opis  Dual Series Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54CWT1G Arkusz danych(HTML) 1 Page - ON Semiconductor

  BAT54CWT1G Datasheet HTML 1Page - ON Semiconductor BAT54CWT1G Datasheet HTML 2Page - ON Semiconductor BAT54CWT1G Datasheet HTML 3Page - ON Semiconductor BAT54CWT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 5
Publication Order Number:
BAT54CWT1/D
1
BAT54CWT1
Preferred Device
Dual Series Schottky
Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
Extremely Fast Switching Speed
Low Forward Voltage − 0.35 V (Typ) @ IF = 10 mAdc
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
200
1.6
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
−55 to 125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
30 VOLT
DUAL COMMON CATHODE
SCHOTTKY BARRIER
DIODES
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
3
CATHODE
1
ANODE
2
ANODE
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
BAT54CWT1
SOT−323
3000 / Tape & Reel
BAT54CWT1G
SOT−323
(Pb−Free)
3000 / Tape & Reel
SOT−323
CASE 419
STYLE 5
MARKING
DIAGRAM
5CM
G
G
5C
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
1
1
2
3


Podobny numer części - BAT54CWT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BAT54CWT1G FAIRCHILD-BAT54CWT1G Datasheet
88Kb / 3P
   Schottky Diodes
logo
ON Semiconductor
BAT54CWT1G ONSEMI-BAT54CWT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 7
BAT54CWT1G ONSEMI-BAT54CWT1G Datasheet
62Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2014 ??Rev. 8
More results

Podobny opis - BAT54CWT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com