Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT2244MSA Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74LVT2244MSA
Szczegółowy opis  3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVT2244MSA Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  74LVT2244MSA Datasheet HTML 1Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 2Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 3Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 4Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 5Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 6Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 7Page - National Semiconductor (TI) 74LVT2244MSA Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
VCC
(V)
T A eb40 Cto a85 C
Units
Conditions
Min
Typ
Max
(Note 3)
II(HOLD)
Bus-Hold Input Minimum Drive
30
75
m
AVI e 08V
b
75
m
AVI e 20V
II(OD)
Current to Change State
Bus-Hold Input Over-Drive
30
500
m
A
(Note 4)
b
500
m
A
(Note 5)
II
Input Current
36
10
m
AVI e 55V
Control Pins
36
g
1
m
AVI e 0V or VCC
Data Pins
36
b
5
m
AVI e 0V
1
m
AVI e VCC
IOFF
Power Off Leakage Current
0
g
100
m
A0V s VI or VO s 55V
IPUPD
Power updown TRI-STATE
0 – 12V
g
100
m
A
VO e 05V to VCC
(Note 6)
Output Current
VI e GND or VCC
IOZL
TRI-STATE Output Leakage Current
36
b
5
m
AVO e 05V
IOZH
TRI-STATE Output Leakage Current
36
5
m
AVO e 30V
IOZHa
TRI-STATE Output Leakage Current
36
10
m
AVCC k VO s 55V
ICCH
Power Supply Current
36
019
mA
Outputs High
ICCL
Power Supply Current
36
12
mA
Outputs Low
ICCZ
Power Supply Current
36
019
mA
Outputs Disabled
ICCZa
Power Supply Current
36
019
mA
VCC s VO s 55V
Outputs Disabled
D
ICC
Increase in Power Supply Current
36
02
mA
One Input at VCC b 06V
(Note 7)
Other Inputs at VCC or GND
Note 3
All typical values are at VCC e 33V TA e 25 C
Note 4
An external driver must source at least the specified current to switch from LOW to HIGH
Note 5
An external driver must sink at least the specified current to switch from HIGH to LOW
Note 6
This parameter is valid for any VCC between 0V and 12V at 25 C only
Note 7
This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND
Dynamic Switching Characteristics (Note 8)
Symbol
Parameter
VCC
(V)
TA e 25 C
Units
CL e 50 pF RL e 500X
Conditions
Min
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
33
08
V
(Note 9)
VOLV
Quiet Output Minimum Dynamic VOL
33
b
08
V
(Note 9)
Note 8
Characterized in SOIC package Guaranteed parameter but not tested
Note 9
Max number of outputs defined as (n) nb1 data inputs are driven 0V to 3V Output under test held LOW
http
www nationalcom
3


Podobny numer części - 74LVT2244MSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVT2244MTC FAIRCHILD-74LVT2244MTC Datasheet
94Kb / 7P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVT2244MTC ONSEMI-74LVT2244MTC Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
74LVT2244MTC ONSEMI-74LVT2244MTC Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVT2244MTCX FAIRCHILD-74LVT2244MTCX Datasheet
94Kb / 7P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT2244MTCX_NL FAIRCHILD-74LVT2244MTCX_NL Datasheet
94Kb / 7P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74LVT2244MSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com