Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1894 Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części 2SD1894
Szczegółowy opis  Silicon PNP epitaxial planar type Darlington(For power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1894 Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  2SD1894 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1894 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1894 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB1254
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
80
60
20
50
70
40
10
30
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) Without heat sink
(P
C=3W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–12
–10
–8
–6
–4
–2
T
C=25˚C
– 0.9mA
– 0.8mA
– 0.7mA
– 0.6mA
– 0.5mA
– 0.4mA
– 0.3mA
– 0.2mA
– 0.1mA
–1mA
I
B=–5mA
Collector to emitter voltage V
CE
(V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.1
–100
–10
–1
– 0.3
–3
–30
I
C/IB=1000
T
C=100˚C
–25˚C
25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.1
–100
–10
–1
– 0.3
–3
–30
I
C/IB=1000
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
10
30
100
300
1000
3000
10000
30000
100000
V
CE=–5V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
1
1000
100
10
3
30
300
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0
–16
–4
–12
–8
0.01
0.03
0.1
0.3
1
3
10
30
100
t
stg
t
on
t
f
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=1000
(–I
B1=IB2)
V
CC=–50V
T
C=25˚C
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
t=1ms
I
CP
I
C
10ms
Non repetitive pulse
T
C=25˚C
DC
Collector to emitter voltage V
CE
(V)


Podobny numer części - 2SD1894

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1894 PANASONIC-2SD1894 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SD1894 SAVANTIC-2SD1894 Datasheet
124Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1894 JMNIC-2SD1894 Datasheet
86Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1894 ISC-2SD1894 Datasheet
142Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1894 SAVANTIC-2SD1894 Datasheet
125Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1894

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1418 PANASONIC-2SB1418 Datasheet
61Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1492 PANASONIC-2SB1492 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1252 PANASONIC-2SB1252 Datasheet
75Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1490 PANASONIC-2SB1490 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1503 PANASONIC-2SB1503 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB938 PANASONIC-2SB938 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB937 PANASONIC-2SB937 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB950 PANASONIC-2SB950 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com