Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9445BSVZ-105 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9445BSVZ-105
Szczegółowy opis  14-Bit, 105/125 MSPS, IF Sampling ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9445BSVZ-105 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9445BSVZ-105 Datasheet HTML 2Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 3Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 4Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 5Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 6Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 7Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 8Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 9Page - Analog Devices AD9445BSVZ-105 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9445
Rev. 0 | Page 6 of 40
DIGITAL SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, RLVDS_BIAS = 3.74 kΩ, unless otherwise noted.
Table 3.
AD9445BSVZ-105
AD9445BSVZ-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CMOS LOGIC INPUTS (DFS, DCS MODE, OUTPUT MODE)
High Level Input Voltage
Full
2.0
2.0
V
Low Level Input Voltage
Full
0.8
0.8
V
High Level Input Current
Full
200
200
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Capacitance
Full
2
2
pF
DIGITAL OUTPUT BITS—CMOS MODE (D0 to D13, OTR)1
DRVDD = 3.3 V
High Level Output Voltage
Full
3.25
3.25
V
Low Level Output Voltage
Full
0.2
0.2
V
DIGITAL OUTPUT BITS—LVDS MODE (D0 to D13, OTR)
VOD Differential Output Voltage2
Full
247
545
247
545
mV
VOS Output Offset Voltage
Full
1.125
1.375
1.125
1.375
V
CLOCK INPUTS (CLK+, CLK−)
Differential Input Voltage
Full
0.2
0.2
V
Common-Mode Voltage
Full
1.3
1.5
1.6
1.3
1.5
1.6
V
Differential Input Resistance
Full
1.1
1.4
1.7
1.1
1.4
1.7
Differential Input Capacitance
Full
2
2
pF
1 Output voltage levels measured with 5 pF load on each output.
2 LVDS RTERM = 100 Ω.
SWITCHING SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, unless otherwise noted.
Table 4.
AD9445BSVZ-105
AD9445BSVZ-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
105
125
MSPS
Minimum Conversion Rate
Full
10
10
MSPS
CLK Period
Full
9.5
8.0
ns
CLK Pulse Width High1 (tCLKH)
Full
3.8
3.2
ns
CLK Pulse Width Low1 (tCLKL)
Full
3.8
3.2
ns
DATA OUTPUT PARAMETERS
Output Propagation Delay—CMOS (tPD)2 (Dx, DCO+)
Full
3.35
3.35
ns
Output Propagation Delay—LVDS (tPD)3 (Dx+), (tCPD)3 (DCO+)
Full
2.1
3.6
4.8
2.3
3.6
4.8
ns
Pipeline Delay (Latency)
Full
13
13
Cycles
Aperture Delay (tA)
Full
ns
Aperture Uncertainty (Jitter, tJ)
Full
60
60
fsec
rms
1 With duty cycle stabilizer (DCS) enabled.
2 Output propagation delay is measured from clock 50% transition to data 50% transition with 5 pF load.
3 LVDS RTERM = 100 Ω. Measured from the 50% point of the rising edge of CLK+ to the 50% point of the data transition.


Podobny numer części - AD9445BSVZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9445BSVZ-105 AD-AD9445BSVZ-105 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
More results

Podobny opis - AD9445BSVZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
AD9461 AD-AD9461 Datasheet
820Kb / 28P
   16-Bit, 130 MSPS IF Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com