Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI6968DQ Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI6968DQ
Szczegółowy opis  N-Channel 2.5-V (G-S) Battery Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968DQ Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI6968DQ Datasheet HTML 1Page - Vishay Siliconix SI6968DQ Datasheet HTML 2Page - Vishay Siliconix SI6968DQ Datasheet HTML 3Page - Vishay Siliconix SI6968DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si6968DQ
Vishay Siliconix
Vishay Siliconix, 2201 Laurelwood Road, Santa Clara, CA 95054
S Phone (408)988-8000 S FaxBack (408)970-5600 S www.siliconix.com
S-56943—Rev. E, 02-Nov-98
Siliconix was formerly a division of TEMIC Semiconductors
5-1
N-Channel 2.5-V (G-S) Battery Switch
PRODUCT SUMMARY
VDS (V)
RDS(ON) (W)
ID (A)
20
0.022 @ VGS = 4.5 V
"6.5
20
0.030 @ VGS = 2.5 V
"5.5
Si6968DQ
D
S1
S1
G1
1
2
3
4
8
7
6
5
D
S2
S2
G2
TSSOP-8
Top View
D
G1
S1
N-Channel MOSFET
G2
S2
N-Channel MOSFET
DD
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)A, B
TA = 25_C
ID
"6.4
Continuous Drain Current (TJ = 150 C)A, B
TA = 70_C
ID
"5.1
A
Pulsed Drain Current
IDM
"30
A
Continuous Source Current (Diode Conduction)A, B
IS
1.5
Maximum Power DissipationA, B
TA = 25_C
PD
1.5
W
Maximum Power Dissi ationA, B
TA = 70_C
PD
0.96
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction to AmbientA
t
v 10 sec
RthJA
83
_C/W
Maximum Junction-to-AmbientA
Steady State
RthJA
85
_C/W
Notes
A.
Surface Mounted on FR4 Board.
B.
t
v 10 sec.
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70757.


Podobny numer części - SI6968DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
logo
VBsemi Electronics Co.,...
SI6968ADQ-T1-GE3 VBSEMI-SI6968ADQ-T1-GE3 Datasheet
937Kb / 8P
   Dual N-Channel MOSFET
logo
Vishay Telefunken
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
More results

Podobny opis - SI6968DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6965DQ VISHAY-SI6965DQ Datasheet
53Kb / 4P
   P-Channel 2.5-V (G-S) Battery Switch
Rev. B, 02-Nov-98
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com