Zakładka z wyszukiwarką danych komponentów |
|
LM317D2TR4 Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
LM317D2TR4 Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 12 page LM317, NCV317 http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Input−Output Voltage Differential VI−VO 40 Vdc Power Dissipation Case 221A TA = +25°C PD Internally Limited W Thermal Resistance, Junction−to−Ambient qJA 65 °C/W Thermal Resistance, Junction−to−Case qJC 5.0 °C/W Case 936 (D2PAK−3) TA = +25°C PD Internally Limited W Thermal Resistance, Junction−to−Ambient qJA 70 °C/W Thermal Resistance, Junction−to−Case qJC 5.0 °C/W Operating Junction Temperature Range TJ −55 to +150 °C Storage Temperature Range Tstg −65 to +150 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ELECTRICAL CHARACTERISTICS (VI−VO = 5.0 V; IO = 0.5 A for D2T and T packages; TJ = Tlow to Thigh (Note 1); Imax and Pmax (Note 2); unless otherwise noted.) Characteristics Figure Symbol Min Typ Max Unit Line Regulation (Note 3), TA = +25°C, 3.0 V ≤ VI−VO ≤ 40 V 1 Regline − 0.01 0.04 %/V Load Regulation (Note 3), TA = +25°C, 10 mA ≤ IO ≤ Imax VO ≤ 5.0 V VO ≥ 5.0 V 2 Regload − − 5.0 0.1 25 0.5 mV % VO Thermal Regulation, TA = +25°C (Note 4), 20 ms Pulse Regtherm − 0.03 0.07 % VO/W Adjustment Pin Current 3 IAdj − 50 100 mA Adjustment Pin Current Change, 2.5 V ≤ VI−VO ≤ 40 V, 10 mA ≤ IL ≤ Imax, PD ≤ Pmax 1, 2 DIAdj − 0.2 5.0 mA Reference Voltage, 3.0 V ≤ VI−VO ≤ 40 V, 10 mA ≤ IO ≤ Imax, PD ≤ Pmax 3 Vref 1.2 1.25 1.3 V Line Regulation (Note 3), 3.0 V ≤ VI−VO ≤ 40 V 1 Regline − 0.02 0.07 % V Load Regulation (Note 3), 10 mA ≤ IO ≤ Imax VO ≤ 5.0 V VO ≥ 5.0 V 2 Regload − − 20 0.3 70 1.5 mV % VO Temperature Stability (Tlow ≤ TJ ≤ Thigh) 3 TS − 0.7 − % VO Minimum Load Current to Maintain Regulation (VI−VO = 40 V) 3 ILmin − 3.5 10 mA Maximum Output Current VI−VO ≤ 15 V, PD ≤ Pmax, T Package VI−VO = 40 V, PD ≤ Pmax, TA = +25°C, T Package 3 Imax 1.5 0.15 2.2 0.4 − − A RMS Noise, % of VO, TA = +25°C, 10 Hz ≤ f ≤ 10 kHz N − 0.003 − % VO Ripple Rejection, VO = 10 V, f = 120 Hz (Note 5) Without CAdj CAdj = 10 mF 4 RR − 66 65 80 − − dB Long−Term Stability, TJ = Thigh (Note 6), TA = +25°C for Endpoint Measurements 3 S − 0.3 1.0 %/1.0 k Hrs. Thermal Resistance Junction−to−Case, T Package RqJC − 5.0 − °C/W 1. Tlow to Thigh = 0° to +125°C, for LM317T, D2T. Tlow to Thigh = − 40° to +125°C, for LM317BT, BD2T, Tlow to Thigh = − 55° to +150°C, for NCV317BT, BD2T. 2. Imax = 1.5 A, Pmax = 20 W 3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. 4. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting individual IC components on the die. These effects can be minimized by proper integrated circuit design and layout techniques. Thermal Regulation is the effect of these temperature gradients on the output voltage and is expressed in percentage of output change per watt of power change in a specified time. 5. CAdj, when used, is connected between the adjustment pin and ground. 6. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability from lot to lot. |
Podobny numer części - LM317D2TR4 |
|
Podobny opis - LM317D2TR4 |