Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBR1040XS Arkusz danych(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Numer części MBR1040XS
Szczegółowy opis  Surface Mount Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Strona internetowa  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MBR1040XS Arkusz danych(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MBR1040XS Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MBR1040XS Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MBR1040XS Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Maximum Recurrent Peak Reverse Voltage
VRRM
40
45
60
100
150
V
Maximum RMS Voltage
VRMS
28
31.5
42
70
105
V
Maximum DC Blocking Voltage
VDC
40
45
60
100
150
V
Maximum Average Forward Rectified Current
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 10.0A DC
VF
V
J
=25℃
Maximum DC
Maximum DC Reverse Current
at Rated DC B
at Rated DC Blocking Voltage
J
=125℃
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
A
IR
0.60
-55 to +150
0.5
IFSM
A
150
-55 to +150
mA
I(AV)
400
35
20
10.0
200
140
200
0.70
0.90
CHARACTERISTICS
TO-251
UNIT
TO-252
2.Mounted on 10cm x 10cm x 1mm copper pad area
0.85
0.92
600
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
Mounting position: any
TO-251(I-PAK)
TO-252(D-PAK)
MBR1040xS THRU MBR10200xS
Surface Mount Schottky Rectifiers
http://www.trr-jx.com
version: 02
MBR1040VS MBR1045VS MBR1060VS MBR10100VS MBR10150VS MBR10200VS
MBR1040DS MBR1045DS MBR1060DS MBR10100DS MBR10150DS MBR10200DS


Podobny numer części - MBR1040XS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Juxing Electr...
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
More results

Podobny opis - MBR1040XS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com