Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RU1H35L Arkusz danych(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Numer części RU1H35L
Szczegółowy opis  N-Channel 100-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU1H35L Arkusz danych(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RU1H35L Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU1H35L Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
Primary Side Switch
Isolated DC/DC Converter
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
100
0.0185 at VGS = 10 V
60
38 nC
S
GD
Top View
TO-252
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 100 °C
45
TA = 25 °C
9.2b
TA = 100 °C
6.8b
Pulsed Drain Current
IDM
140
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
2b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
45
Avalanche Energy
EAS
101
mJ
Maximum Power Dissipation
TC = 25 °C
PD
136.4
W
TC = 100 °C
68.2
TA = 25 °C
3b
TA = 100 °C
1.5b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
40
50
°C/W
Maximum Junction-to-Case
RthJC
0.85
1.1
N-Channel 100-V (D-S) MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU1H35L
1


Podobny numer części - RU1H35L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ruichips Semiconductor ...
RU1H35L RUICHIPS-RU1H35L Datasheet
276Kb / 9P
   N-Channel Advanced Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RU1H35L DOINGTER-RU1H35L Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results

Podobny opis - RU1H35L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com