Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HSP-25-AP-SD-WR Arkusz danych(PDF) 1 Page - Festo Corporation.

Numer części HSP-25-AP-SD-WR
Szczegółowy opis  Pick and place machine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FESTO [Festo Corporation.]
Strona internetowa  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HSP-25-AP-SD-WR Arkusz danych(HTML) 1 Page - Festo Corporation.

  HSP-25-AP-SD-WR Datasheet HTML 1Page - Festo Corporation. HSP-25-AP-SD-WR Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-25-AP-SD-WR
Part number: 533617
Data sheet
Feature
Value
Size
25
Maximum wait position module Z-stroke
25 mm
Y-stroke
130 mm ... 170 mm
Z-stroke
50 mm ... 70 mm
Z working stroke
25 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Mode of operation
Double-acting
Design
Cross guide
Swivel module
Wait position module optionally on left
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Operating pressure
4 bar ... 8 bar
Minimum cycle time
1 s
Repetition accuracy
±0.02 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. torque Mx dynamic
3.2 Nm
Max. static moment Mx
15 Nm
Max. torque My dynamic
3.2 Nm
Max. static moment My
15 Nm
Max. torque Mz dynamic
3.2 Nm
Max. static moment Mz
15 Nm
Max. payload
1.5 kg
Theoretical force at 6 bar
65 N
Product weight
7600 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Wait position pneumatic connection
M5
Pneumatic connection
M5
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


Podobny numer części - HSP-25-AP-SD-WR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
HSP-25-AP-SD-WL FESTO-HSP-25-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
More results

Podobny opis - HSP-25-AP-SD-WR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
   Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
   Pick and place machine
HSW-12-AS FESTO-HSW-12-AS Datasheet
71Kb / 2P
   Pick and place machine
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
   Pick and place machine
HSW-10-AP FESTO-HSW-10-AP Datasheet
81Kb / 2P
   Pick and place machine
HSW-10-AS FESTO-HSW-10-AS Datasheet
71Kb / 2P
   Pick and place machine
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
   Pick and place machine
HSP-16-AS FESTO-HSP-16-AS Datasheet
86Kb / 2P
   Pick and place machine
HSP-25-AP-SD FESTO-HSP-25-AP-SD Datasheet
83Kb / 2P
   Pick and place machine
HSP-25-AP-SD-WL FESTO-HSP-25-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com