Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1256 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SD1256
Szczegółowy opis  Silicon PNP epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1256 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SD1256 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1256 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1256 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB933
Silicon PNP epitaxial planar type
For power switching
Complementary to 2SD1256
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–130
–80
–7
–10
–5
40
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = –100V, IE = 0
VEB = –5V, IC = 0
IC = –10mA, IB = 0
VCE = –2V, IC = – 0.1A
VCE = –2V, IC = –2A
IC = –4A, IB = – 0.2A
IC = –4A, IB = – 0.2A
VCE = –10V, IC = – 0.5A, f = 10MHz
IC = –2A, IB1 = – 0.2A, IB2 = 0.2A
min
–80
45
90
typ
30
0.13
1.5
0.13
max
–10
–50
260
– 0.5
–1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Podobny numer części - 2SD1256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1256 PANASONIC-2SD1256 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
logo
Guangdong Kexin Industr...
2SD1256 KEXIN-2SD1256 Datasheet
40Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD1256-P KEXIN-2SD1256-P Datasheet
1Mb / 3P
   NPN Transistors
2SD1256-Q KEXIN-2SD1256-Q Datasheet
1Mb / 3P
   NPN Transistors
2SD1256-R KEXIN-2SD1256-R Datasheet
1Mb / 3P
   NPN Transistors
More results

Podobny opis - 2SD1256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SB944 PANASONIC-2SB944 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB945 PANASONIC-2SB945 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB946 PANASONIC-2SB946 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1607 PANASONIC-2SB1607 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1154 PANASONIC-2SB1154 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1156 PANASONIC-2SB1156 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB1155 PANASONIC-2SB1155 Datasheet
61Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB932 PANASONIC-2SB932 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB943 PANASONIC-2SB943 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB931 PANASONIC-2SB931 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com