Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP47C101M Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TMP47C101M
Szczegółowy opis  CMOS 4-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101M Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP47C101M Datasheet HTML 4Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 5Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 6Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 7Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 8Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 9Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 10Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 11Page - Toshiba Semiconductor TMP47C101M Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8/32
TOSHIBA CORPORATION
TMP47C101/201
(1)
Stack
The stack provides the area in which the return
address is saved before a jump is performed to the
processing routine at the execution of a subroutine call
instruction or the acceptance of an interrupt. When a
subroutine call instruction is executed, the contents
(the return address) of the program counter are saved;
when an interrupt is accepted, the contents of the pro-
gram counter and flags are saved.
When returning from the processing routine, executing
the subroutine return instruction [RET] restores the
contents of the program counter from the stack; exe-
cuting the interrupt return instruction [RETI] restores
the contents of the program counter and flags.
The stack consists of up to 15 levels (locations 0
through 14) which are provided in the data memory
(addresses 40H through 7BH). Each location consists
of 4-word data memory. Locations 13 and 14 are
shared with the count registers of the timer/counters
(TC1, TC2) to be described later.
The save/restore locations in the stack are determined
by the stack pointer word (SPW). The SPW is automat-
ically decremented after save, and incremented before
restore.That is, the value of the SPW indicates the
stack location number for the next save.
(2)
Stack Pointer Word (SPW)
Address 7FH (3FH for the 47C101) in the data memory
is called the stack pointer word, which identifies the
location in the stack to be accessed (save or restore).
Generally, location number 0 to 12 can be set to the
SPW, providing up to 13 levels of stack nesting. Loca-
tions 13 and 14 are shared with the timer/counters to
be described later; therefore, when the timer/counters
are not used, the stack area of up to 15 levels is avail-
able. Address 7FH is assigned to the SPW, so that the
contents of the SPW cannot be set “15” in any case.
The SPW is automatically updated when a subroutine
call is executed or an interrupt is accepted. However, if
it is used in excess of the stack area permitted by the
data memory allocating configuration, the user-pro-
cessed data may be lost.(For example, when the user-
processed data area is in an address range 00H
through 4FH, up to location 4 of the stacks are
usable.If an interrupt is accepted with location 4
already used, the user-processed data stored in
addresses 4CH through 4FH corresponding to the
location 3 area is lost.)
The SPW is not initialized by hardware, requiring to
write the initial value (the location with which the use of
the stack starts) by using the initialization routine. Nor-
mally, the initial value of “12” is used.
Example:
To initialize the SPW (when the stack is
used from location 12)
LD
A,#12
;
SPW
←12
ST
A,0FFH
(3)
Data Counter (DC)
The data counter is a 12-bit register to specify the
address of the data table to be referenced in the pro-
gram memory (ROM). Data table reference is per-
formed by the table look-up instructions [LDL A, @DC]
and [LDH A, @DC +]. The data table may be located
anywhere within the program memory address space.
The DC is assigned with a RAM address in unit of 4
bits. Therefore, the RAM manipulation instruction is
used to set the initial value or read the contents of the
DC.
Example:
To set the DC to 380H.
LD
HL,#07CH
; Sets RAM address of
DCL to HL register pair.
ST
#0H,@HL+
; DC
←380H
ST
#8H,@HL+
ST
#3H,@HL+
Figure 2-7. Data Counter


Podobny numer części - TMP47C101M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP47C101MG TOSHIBA-TMP47C101MG Datasheet
2Mb / 42P
   Document Change Notification
TMP47C101MG TOSHIBA-TMP47C101MG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Podobny opis - TMP47C101M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP42C40 TOSHIBA-TMP42C40 Datasheet
945Kb / 23P
   CMOS 4-BIT MICROCONTROLLER
TMP42C50N TOSHIBA-TMP42C50N Datasheet
259Kb / 13P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1237 TOSHIBA-TMP47C1237 Datasheet
275Kb / 10P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1238 TOSHIBA-TMP47C1238 Datasheet
941Kb / 30P
   CMOS 4-BIT MICROCONTROLLER
TMP47C200AN TOSHIBA-TMP47C200AN Datasheet
107Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C210AN TOSHIBA-TMP47C210AN Datasheet
279Kb / 12P
   CMOS 4-BIT MICROCONTROLLER
TMP47C220AF TOSHIBA-TMP47C220AF Datasheet
76Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C232AN TOSHIBA-TMP47C232AN Datasheet
106Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C26N TOSHIBA-TMP47C26N Datasheet
104Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C452AN TOSHIBA-TMP47C452AN Datasheet
473Kb / 20P
   CMOS 4-BIT MICROCONTROLLER
TMP47C620 TOSHIBA-TMP47C620 Datasheet
595Kb / 24P
   CMOS 4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com