Zakładka z wyszukiwarką danych komponentów |
|
ST1-L2-DC6V Arkusz danych(PDF) 2 Page - Nais(Matsushita Electric Works) |
|
ST1-L2-DC6V Arkusz danych(HTML) 2 Page - Nais(Matsushita Electric Works) |
2 / 3 page ST 250 TYPES AND COIL DATA (at 20 °C 68°F) Single side stable 2 coil latching Part No. Nominal voltage, V DC Pick-up voltage, V DC (max.) Drop-out voltage, V DC (min.) Maximum allowable voltage, V DC (60 °C 140°F) Coil resistance, Ω (±10%) Nominal operating current, mA 1 Form A 1 Form B 2 Form A ST1-DC3V ST2-DC3V 3 2.4 0.3 4.5 38 75 ST1-DC5V ST2-DC5V 5 4.0 0.5 7.5 105 47 ST1-DC6V ST2-DC6V 6 4.8 0.6 9.0 150 40 ST1-DC9V ST2-DC9V 9 7.2 0.9 13.5 360 25 ST1-DC12V ST2-DC12V 12 9.6 1.2 18.0 600 20 ST1-DC24V ST2-DC24V 24 19.2 2.4 36.0 2,400 10 ST1-DC48V ST2-DC48V 48 38.4 4.8 72.0 9,000 4.7 Part No. Nominal voltage, V DC Set and reset voltage, V DC (max.) Maximum allowable voltage, V DC (60 °C 140°F) Coil resistance, Ω (±10%) Nominal operating current, mA 1 Form A 1 Form B 2 Form A ST1-L2-DC3V ST2-L2-DC3V 3 2.4 4.5 40 75 ST1-L2-DC5V ST2-L2-DC5V 5 4.0 7.5 110 47 ST1-L2-DC6V ST2-L2-DC6V 6 4.8 9.0 155 37.5 ST1-L2-DC9V ST2-L2-DC9V 9 7.2 13.5 360 25 ST1-L2-DC12V ST2-L2-DC12V 12 9.6 18.0 640 18.8 ST1-L2-DC24V ST2-L2-DC24V 24 19.2 36.0 2,400 9.8 ST1-L2-DC48V ST2-L2-DC48V 48 38.4 72.0 10,200 4.7 DIMENSIONS mm inch General tolerance: ±0.2 ±.008 31.0 1.220 11.0 .433 7.62 .300 7.62 .300 10.16 .400 85 4 3 2 1 76 10.16 .400 14 .551 0.3 .012 3.5 .138 PC board pattern (Copper-side view) Tolerance: ±0.1 ±.004 2 coil latching types only. 8-DIA. 1.4 .055 2.54 .100 2.54 .100 Schematic (Bottom view) Single side stable 1a1b 2a (Deenergized condition) 14 5 6 7 8 –+ 14 5 6 7 8 –+ 2 coil latching 1a1b 12 5 6 7 8 –+ 34 +– (Reset condition) Diagram shows the "reset" po- sition when terminals 3 and 4 are energized. Energize termi- nals 1 and 2 to transfer con- tacts. 2a 12 –+ 34 +– 5 6 7 8 Diagram shows the "reset" po- sition when terminals 3 and 4 are energized. Energize termi- nals 1 and 2 to transfer con- tacts. REFERENCE DATA 1. Max. switching power 2. Life curve 3. Coil temperature rise Sample: ST1-DC24V 10 20 50 100 200 300 0.1 0.2 0.5 1 2 5 10 Voltage, V AC resistive load DC resistive load inductive load AC (cos ϕ =0.4) 10 20 50 100 200 500 1,000 12 3 4 567 89 10 Current, A AC 250 V, 125 V resistive load AC 250 V, 125 V inductive load (Pf = 0.4) 0.1 0.2 0.3 0.4 0.5 60 50 40 30 20 10 0 Coil operating power, W 5 A 0 A Contact current 8 A |
Podobny numer części - ST1-L2-DC6V |
|
Podobny opis - ST1-L2-DC6V |