Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS71116TP-10 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części GS71116TP-10
Szczegółowy opis  1Mb Asynchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS71116TP-10 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GS71116TP-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 13Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 14Page - List of Unclassifed Manufacturers GS71116TP-10 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Rev: 1.06 6/2000
11/15
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71116TP/J/U
44 Pin, 400 mil SOJ
1
22
23
44
e
B1
D
y
Q
c
L
Detail A
A
B
Note:
1. Dimension D& E do not include interlead flash
2. Dimension B1 does not include dambar protrusion / intrusion
Symbol
Dimension in inch
Dimension in mm
min nom max
min
nom
max
A
-
-
0.148
-
-
3.759
A1
0.025
-
-
0.635
-
-
A2
0.105 0.110 0.115 2.667
2.794
2.921
B
-
0.018
-
-
0.457
-
B1
0.026 0.028 0.032 0.660
0.711
0.813
c
-
0.008
-
-
0.203
-
D
1.120 1.125 1.130 28.44
28.58
28.70
E
0.395 0.400 0.405 10.033 10.160 10.287
e
-
0.05
-
-
1.27
-
HE
0.435 0.440 0.445 11.049 11.176 11.303
GE
0.360 0.370 0.380 9.144
9.398
9.652
L
0.082 0.087 0.106 2.083
2.210
2.70
y
-
-
0.004
-
-
0.102
Q
0o
-
7o
0o
-
7o


Podobny numer części - GS71116TP-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS71116AGP-10 ETC1-GS71116AGP-10 Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AGP-10 GSI-GS71116AGP-10 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116AGP-10I ETC1-GS71116AGP-10I Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AGP-10I GSI-GS71116AGP-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116AGP-12 ETC1-GS71116AGP-12 Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
More results

Podobny opis - GS71116TP-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com