Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC108S102CIMTX Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC108S102CIMTX
Szczegółowy opis  8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC108S102CIMTX Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  ADC108S102CIMTX Datasheet HTML 1Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 2Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 3Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 4Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC108S102CIMTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADC108S102 Timing Specifications
The following specifications apply for V
A =VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE =
500 kSPS to 1 MSPS, and C
L = 50pF. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
t
CSH
CS Hold Time after SCLK Rising
Edge
(Note 9)
0
10
ns (min)
t
CSS
CS Setup Time prior to SCLK Rising
Edge
(Note 9)
5
10
ns (min)
t
EN
CS Falling Edge to DOUT enabled
5
30
ns (max)
t
DACC
DOUT Access Time after SCLK
Falling Edge
17
27
ns (max)
t
DHLD
DOUT Hold Time after SCLK Falling
Edge
4
ns (typ)
t
DS
DIN Setup Time prior to SCLK
Rising Edge
3
10
ns (min)
t
DH
DIN Hold Time after SCLK Rising
Edge
3
10
ns (min)
t
CH
SCLK High Time
0.4 x
t
SCLK
ns (min)
t
CL
SCLK Low Time
0.4 x
t
SCLK
ns (min)
t
DIS
CS Rising Edge to DOUT
High-Impedance
DOUT falling
2.4
20
ns (max)
DOUT rising
0.9
20
ns (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND or VIN > VA or VD), the current at that pin should be limited to 10 mA.
The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax − TA)/θJA. In the 16-pin
TSSOP,
θJA is 96˚C/W, so PDMAX = 1,200 mW at 25˚C and 625 mW at the maximum operating ambient temperature of 105˚C. Note that the power consumption
of this device under normal operation is a maximum of 12 mW. The values for maximum power dissipation listed above will be reached only when the ADC108S102
is operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO ohms
Note 6: Reflow temperature profiles are different for lead-free packages.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Data sheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Clock may be in any state (high or low) when CS goes high. Setup and hold restrictions apply only to CS going low.
www.national.com
5


Podobny numer części - ADC108S102CIMTX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC108S102CIMTX TI1-ADC108S102CIMTX Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC108S102CIMTX/NOPB TI1-ADC108S102CIMTX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results

Podobny opis - ADC108S102CIMTX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com