Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3061-X-FS Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części SI3061-X-FS
Szczegółowy opis  GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SI3061-X-FS Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3061-X-FS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3061-X-FS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Si306x
Preliminary Rev. 0.9
11
5. AOUT PWM Output
Figure 3 illustrates an optional circuit to support the pulse width modulation (PWM) output capability of the Si306x
for call progress monitoring purposes. To enable this mode, the INTE bit (Register 2) should be set to 0, the PWME
bit (Register 1) set to 1, and the PWMM bits (Register 1) set to 00.
Figure 3. AOUT PWM Circuit for Call Progress
Registers 20 and 21 allow the receive and transmit paths to be attenuated linearly. When these registers are set to
all 0s, the receive and transmit paths are muted. These registers affect the call progress output only and do not
affect transmit and receive operations on the telephone line.
The PWMM[1:0] bits (Register 1, bits 5:4) select one of the three different PWM output modes for the AOUT signal,
including a delta-sigma data stream, a 32 kHz return to zero PWM output, and balanced 32 kHz PWM output.
Table 6. Component Values—AOUT PWM
Component
Value
Supplier
LS1
Speaker BRT1209PF-06
Intervox
Q6
NPN KSP13
Fairchild
C41
0.1 µF, 16 V, X7R, ±20%
Venkel, SMEC
R41
150
Ω, 1/16 W, ±5%
Venkel, SMEC, Panasonic
+5 VA
LS1
Q6
NPN
R41
C41
AOUT


Podobny numer części - SI3061-X-FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066-B-FS SILABS-SI3066-B-FS Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068-B-FS SILABS-SI3068-B-FS Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI306X SILABS-SI306X Datasheet
795Kb / 62P
   Programmable line interface
More results

Podobny opis - SI3061-X-FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI3038 ETC1-SI3038 Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
logo
PHOENIX CONTACT
2902874 PHOENIX-2902874 Datasheet
49Kb / 1P
   Replacement screw M4x25 for Yokogawa system cable, module side.
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
silex technology americ...
SX-590 SILEX-SX-590 Datasheet
7Mb / 1P
   Enterprise 802.11ac System on Module for Embedded Applications
REV B. 20192903
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com