Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1836A Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD1836A
Szczegółowy opis  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1836A Arkusz danych(HTML) 4 Page - Analog Devices

  AD1836A Datasheet HTML 1Page - Analog Devices AD1836A Datasheet HTML 2Page - Analog Devices AD1836A Datasheet HTML 3Page - Analog Devices AD1836A Datasheet HTML 4Page - Analog Devices AD1836A Datasheet HTML 5Page - Analog Devices AD1836A Datasheet HTML 6Page - Analog Devices AD1836A Datasheet HTML 7Page - Analog Devices AD1836A Datasheet HTML 8Page - Analog Devices AD1836A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD1836A
Rev. 0 | Page 4 of 24
Table 2. Analog Performance
Parameter
Min
Typ
Max
Unit
ADC Resolution (all ADCs)
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)1, 2
No Filter (RMS), AD1836AAS
97
102
dB
With A-Weighted Filter (RMS), AD1836AAS
100
105
dB
No Filter (RMS), AD1836ACS
94
99
dB
With A-Weighted Filter (RMS), AD1836ACS
97
102
dB
Total Harmonic Distortion + Noise (–1 dBFS)1
–92
–83
dB
Full-Scale Input Voltage (Differential)
2.18 (6.16)
V rms (V pp)
Gain Error
–5.0
+5.0
%
Interchannel Gain Mismatch
–0.1
+0.1
dB
Offset Error
–10
0
+10
mV
Gain Drift
100
ppm/°C
Interchannel Isolation
–110
dB
Programmable Input Gain
12
dB
Gain Step Size
3
dB
CMRR, Direct Input, 100 mV RMS, 1 kHz
–77
–63
dB
CMRR, Direct Input, 100 mV RMS, 20 kHz
–72
–60
dB
CMRR, PGA Differential Input, 100 mV RMS, 1 kHz
–57
–39
dB
CMRR, PGA Differential Input, 100 mV RMS, 20 kHz
–57
–39
dB
Input Resistance
10
kΩ
Input Capacitance
15
pF
ANALOG-TO-DIGITAL CONVERTERS
Common-Mode Input Volts
2.25
V
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)1, 2
No Filter (RMS), AD1836AAS
102
105
dB
With A-Weighted Filter (RMS), AD1836AAS
105
108
dB
No Filter (RMS), AD1836ACS
99
102
dB
With A-Weighted Filter (RMS), AD1836ACS
102
105
dB
Total Harmonic Distortion + Noise (0 dBFS)1
–95
–85
dB
Full-Scale Output Voltage (Differential)
2.0 (5.6)
V rms (V pp)
Gain Error
–6.0
+6.0
%
Interchannel Gain Mismatch
–0.3
+0.3
dB
Offset Error
15
55
95
mV
Gain Drift
150
ppm/°C
Interchannel Isolation
–110
dB
Interchannel Phase Deviation
±0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
60
dB
Max Attenuation
–100
dB
De-emphasis Gain Error
±0.1
dB
Output Resistance at Each Pin
115
DIGITAL-TO-ANALOG CONVERTERS
VREF (FILTR), Common-Mode Output
2.2
2.25
2.3
V
1 Total harmonic distortion + noise and dynamic range typical specifications are for two channels active, max/min are all channels active.
2 Measured with Audio Precision System Two Cascade in rms mode. Averaging mode will show approximately 2 dB better performance.


Podobny numer części - AD1836A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
AD1836A AD-AD1836A Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836ACSZ AD-AD1836ACSZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
More results

Podobny opis - AD1836A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com