Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

AD1836A Arkusz danych(PDF) 23 Page - Analog Devices

Numer części AD1836A
Szczegółowy opis  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1836A Arkusz danych(HTML) 23 Page - Analog Devices

Back Button AD1836A Datasheet HTML 16Page - Analog Devices AD1836A Datasheet HTML 17Page - Analog Devices AD1836A Datasheet HTML 18Page - Analog Devices AD1836A Datasheet HTML 19Page - Analog Devices AD1836A Datasheet HTML 20Page - Analog Devices AD1836A Datasheet HTML 21Page - Analog Devices AD1836A Datasheet HTML 22Page - Analog Devices AD1836A Datasheet HTML 23Page - Analog Devices AD1836A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD1836A
Rev. 0 | Page 23 of 24
OUTLINE DIMENSIONS
SEATING
PLANE
VIEW A
0.23
0.11
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
1
39
40
13
14
27
26
52
PIN 1
0.65 BSC
13.45
13.20
12.95
10.20
10.00
9.80
SQ
7.80
REF
SQ
0.40
0.22
VIEW A
ROTATED 90° CCW
2.20
2.00
1.80
0.13 MIN
COPLANARITY
COMPLIANT TO JEDEC STANDARDS M-022-AC
Figure 15. 52-Lead Plastic Quad Flat Package [MQFP]
(S-52A)
Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ORDERING GUIDE
AD1836A Products
Temperature Package
Package Description
Package Option
AD1836AAS
–40°C to +85°C Ambient
52-Lead MQFP
S-52A
AD1836AASRL
–40°C to +85°C Ambient
52-Lead MQFP
S-52A on 13" Reels
AD1836ACS
–40°C to +85°C Ambient
52-Lead MQFP
S-52A
AD1836ACSRL
–40°C to +85°C Ambient
52-Lead MQFP
S-52A on 13" Reels
EVAL-AD1836AEB
Evaluation Board


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
AD1836 Multichannel 96 kHz Codec 1  2  3  4  5  More Analog Devices
CS42436 108 dB 192 kHz 6-in 6-out TDM CODEC 1  2  3  4  5  More Cirrus Logic
STAC9460 Two and Six-Channel 24-Bit 192 kHz Audio Codec 1  2  3  4  5  More List of Unclassifed Manufacturers
CS4271 24-Bit 192 kHz Stereo Audio CODEC 1  2  3  4  5  More Cirrus Logic
CS42438 108 dB 192 kHz 6-in 8-out TDM CODEC 1  2  3  4  5  More Cirrus Logic
AD1839 2 ADC 6 DAC 96 kHz 24-Bit sigma-delta Codec 1  2  3  4  5  More Analog Devices
T8531A T8531A/8532 Multichannel Programmable Codec Chip Set 1  2  3  4  5  More Agere Systems
CS42448 108 dB 192 kHz 6-in 8-out CODEC 1  2  3  4  5  More Cirrus Logic
CS42516 110 dB 192 kHz 6-Ch Codec with S/PDIF Receiver 1  2  3  4  5  More Cirrus Logic
AD1835 2 ADC 8 DAC 96 kHz 24-Bit Codec 1  2  3  4  5  More Analog Devices

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn