Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC3827-4.1VUA Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części TC3827-4.1VUA
Szczegółowy opis  Lithium-Ion Battery Charger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3827-4.1VUA Arkusz danych(HTML) 4 Page - Microchip Technology

  TC3827-4.1VUA Datasheet HTML 1Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 2Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 3Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 4Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 5Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 6Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 7Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 8Page - Microchip Technology TC3827-4.1VUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Lithium-Ion Battery Charger
TC3827
TC3827-2 12/12/00
© 2001 Microchip Technology Inc.
DS21558A
APPLICATIONS INFORMATION
A typical Li-Ion cell should be charged at a controlled
current until it reaches 4.1V or 4.2V (depending on the type
of cell), then charged at this voltage. The TC3827 is de-
signed to offer the maximum integration and function with a
small application circuit. The only necessary external com-
ponents are a PMOS , two small capacitors, and an RSENSE.
The charge current profile can be monitored using the
voltage signal at IMON. The use of an LED as a status
indicator is optional. The application circuit is shown in
Figure 1.
SELECTING EXTERNAL COMPONENTS
Power Supply Input
In most applications, this will be a small “wall cube”
switching converter with an output voltage limit range of 5V
to 6V.
P-Channel Pass Device
The PMOS is used to regulate current from the source
into the Li-Ion cell. Specifications to consider when choosing
an appropriate PMOS are the minimum drain-source break-
down voltage, the minimum turn-on threshold voltage
(VGSTH), drain current and power-dissipation capabilities.
Bypass Capacitors
Bypass VIN with a capacitor value of at least 10µF.
Bypass VOUT with a capacitor value of at least 1µF.
CHARGER MODES DESCRIPTION
Initiating a Charge Cycle
The TC3827 initiates a charge upon toggling the shut-
down pin high, insertion of the battery or application of an
external power source. The TC3827 provides a foldback
current limited charge where an external current sense
resistor sets IMAX. The voltage drop across the current sense
resistor is applied to the VIN -VSNS pins and presented to the
current limited control-loop.The current loop will protect a
deeply discharged (or shorted) battery by folding back the
current limited charge, and reduces the power dissipation in
PMOS.
Current Limited, Constant-voltage Charge
Cycle
The TC3827 begins to charge the Li-Ion cell by turning
on the external PMOS. The charge continues until the
battery voltage rises to the lithium-ion cell voltage of 4.2V or
4.1V (depending on type of cell). As the battery voltage
reaches the regulated output voltage, the internal feedback
Figure 3. TC3827 Test Circuit
V
REG
V
OUT
I
REG
I
MAX
I
FOLDBACK
Constant
Voltage
Mode
Foldback
Current
Limited
Mode
I
SC
I
OUT
Figure 2. TC3827 Charging Characteristic
R
SENSE
=500m
S
G
D
NDP6020P
PMOS
V
SNS
V
DRV
GND
V
IN
V
IN
V
OUT
V
OUT
SHDN
IMON
MODE
10
µF
TC3827
22
µF


Podobny numer części - TC3827-4.1VUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
auris-GmbH
TC38 AURIS-TC38 Datasheet
285Kb / 1P
   Quartz THT
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
   PWM controller IC
logo
Transcom, Inc.
TC3843 TRANSCOM-TC3843 Datasheet
231Kb / 3P
   870~925 MHz Single-Bias GaAs Low Noise Amplifier
TC3843A TRANSCOM-TC3843A Datasheet
99Kb / 3P
   1710~1785 MHz Single-Bias GaAs Low Noise Amplifier
logo
Infineon Technologies A...
TC387 INFINEON-TC387 Datasheet
16Mb / 416P
   32-Bit Single-Chip Microcontroller
V 1.2, 2021-03
More results

Podobny opis - TC3827-4.1VUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10