Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM50-0002TR-3000 Arkusz danych(PDF) 5 Page - Tyco Electronics

Numer części AM50-0002TR-3000
Szczegółowy opis  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR-3000 Arkusz danych(HTML) 5 Page - Tyco Electronics

  AM50-0002TR-3000 Datasheet HTML 1Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 2Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 3Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 4Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Noise Amplifier
1.575 GHz
AM50-0002
5
V7
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
FREQ
Fmin[dB]
MAG
ANG
rn
0.750
0.8052
0.8697
26.5001
0.7376
0.800
0.7869
0.8620
27.9959
0.6796
0.850
0.7699
0.8544
29.5150
0.6303
0.900
0.7572
0.8467
31.0675
0.5897
0.950
0.7467
0.8390
32.6540
0.5551
1.000
0.7397
0.8312
34.2760
0.5259
1.050
0.7351
0.8234
35.9319
0.5007
1.100
0.7333
0.8154
37.6196
0.4788
1.150
0.7333
0.8072
39.3353
0.4593
1.200
0.7348
0.7990
41.0771
0.4418
1.250
0.7383
0.7906
42.8431
0.4260
1.300
0.7432
0.7821
44.6308
0.4114
1.350
0.7491
0.7735
46.4387
0.3977
1.400
0.7563
0.7647
48.2651
0.3850
1.450
0.7645
0.7559
50.1090
0.3730
1.500
0.7734
0.7469
51.9696
0.3615
1.550
0.7834
0.7378
53.8492
0.3506
1.600
0.7943
0.7287
55.7432
0.3402
1.650
0.8057
0.7195
57.6514
0.3301
1.700
0.8180
0.7102
59.5725
0.3204
1.750
0.8312
0.7007
61.5065
0.3111
1.800
0.8450
0.6912
63.4539
0.3020
1.850
0.8596
0.6817
65.4128
0.2933
1.900
0.8748
0.6721
67.3846
0.2849
1.950
0.8910
0.6625
69.3678
0.2768
2.000
0.9079
0.6529
71.3635
0.2689
2.050
0.9254
0.6432
73.3575
0.2614
2.100
0.9437
0.6335
75.3681
0.2541
2.150
0.9631
0.6239
77.3914
0.2471
2.200
0.9833
0.6143
79.4309
0.2403
2.250
1.0050
0.6050
81.4808
0.2340
2.300
1.0277
0.5957
83.5485
0.2278
2.350
1.0516
0.5866
85.6304
0.2219
2.400
1.0768
0.5777
87.7262
0.2163
2.450
1.1035
0.5689
89.8387
0.2109
2.500
1.1317
0.5604
91.9643
0.2058
Noise Figures


Podobny numer części - AM50-0002TR-3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002TR-3000 MA-COM-AM50-0002TR-3000 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Podobny opis - AM50-0002TR-3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com