Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3526H Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SC3526H
Szczegółowy opis  Silicon NPN epitaxial planer type(For display video output)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3526H Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SC3526H Datasheet HTML 1Page - Panasonic Semiconductor 2SC3526H Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3526(H)
Silicon NPN epitaxial planer type
For display video output
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob.
q
Wide current range.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
EIAJ:SC–51
TO–92L Package
5.9
±0.2
2.54
±0.15
0.7
±0.1
4.9
±0.2
0.45
+0.2
–0.1
1.27
1.27
0.45
+0.2
–0.1
13
2
Symbol
VCBO
VCER
*
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
110
100
50
3.5
300
150
1.0
150
–55 ~ +150
Unit
V
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICEO
VCBO
VCER
VCEO
VEBO
hFE
VCE(sat)
fT1
fT2
Cob
Conditions
VCE = 35V, IB = 0
IC = 100µA, IE = 0
IC = 500µA, RBE = 470Ω
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 5V, IC = 100mA
*
IC = 150mA, IB = 15mA
*
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = –110mA, f = 200MHz
VCB = 30V, IE = 0, f = 1MHz
min
110
100
50
3.5
20
typ
300
350
3
max
10
0.5
Unit
µA
V
V
V
V
V
MHz
MHz
pF
*R
EB = 470Ω
* Pulse measurement


Podobny numer części - 2SC3526H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SC3526H PANASONIC-2SC3526H Datasheet
68Kb / 3P
   For Display Video Output
More results

Podobny opis - 2SC3526H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SC4543 PANASONIC-2SC4543 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For video amplifier)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD1330 PANASONIC-2SD1330 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC2925 PANASONIC-2SC2925 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification0
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com