Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NVHL040N65S3 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części NVHL040N65S3
Szczegółowy opis  MOSFET ??Power, N-Channel, SUPERFET III, Automotive, Easy-Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVHL040N65S3 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button NVHL040N65S3 Datasheet HTML 2Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 3Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 4Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 5Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 6Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 7Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 8Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 9Page - ON Semiconductor NVHL040N65S3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NVHL040N65S3
www.onsemi.com
8
Figure 21. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
L
VDD
RG
ISD
VDS
+
VGS
Same Type
as DUT
− dv/dt controlled by RG
− ISD controlled by pulse period
Driver
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
VSD
IRM
10 V
di/dt
VDD
IFM, Body Diode Forward Current
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
D +
Gate Pulse Width
Gate Pulse Period
SUPERFET is a registered trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or
other countries.


Podobny numer części - NVHL040N65S3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NVHL040N65S3F ONSEMI-NVHL040N65S3F Datasheet
378Kb / 11P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET650 V, 65 A, 40 m
July, 2019 ??Rev. 1
NVHL040N65S3HF ONSEMI-NVHL040N65S3HF Datasheet
330Kb / 11P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com