Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SIHP12N65E Arkusz danych(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Numer części SIHP12N65E
Szczegółowy opis  N-Channel 650 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SIHP12N65E Arkusz danych(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  SIHP12N65E Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SIHP12N65E Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig. 19 - For N-Channel
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
V
GS = 10 V
a
I
SD
Driver gate drive
D.U.T. l
SD waveform
D.U.T. V
DS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
Peak Diode Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R
g
• Driver same type as D.U.T.
• I
SD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. V
GS = 5 V for logic level devices
V
DD
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SIHP12N65E
6


Podobny numer części - SIHP12N65E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SIHP12N65E VISHAY-SIHP12N65E Datasheet
296Kb / 8P
   E Series Power MOSFET
Rev. D, 16-Mar-15
logo
Inchange Semiconductor ...
SIHP12N65E ISC-SIHP12N65E Datasheet
328Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHP12N65E VISHAY-SIHP12N65E Datasheet
296Kb / 8P
   E Series Power MOSFET
08-Feb-17
SIHP12N65E VISHAY-SIHP12N65E_V01 Datasheet
296Kb / 8P
   E Series Power MOSFET
08-Feb-17
More results

Podobny opis - SIHP12N65E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM165R02 VBSEMI-VBM165R02 Datasheet
761Kb / 9P
   N-Channel 650 V (D-S) MOSFET
AOT11S60 VBSEMI-AOT11S60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
2SK3050 VBSEMI-2SK3050 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
6R380C6 VBSEMI-6R380C6 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
11N60CFD VBSEMI-11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
12N50ES VBSEMI-12N50ES Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
14NM65N VBSEMI-14NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
4002H VBSEMI-4002H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
KF4N65P VBSEMI-KF4N65P Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com