Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM27262MTD Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM27262MTD
Szczegółowy opis  Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27262MTD Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button LM27262MTD Datasheet HTML 2Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 3Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 4Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 5Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 6Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 7Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 8Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 9Page - National Semiconductor (TI) LM27262MTD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC5V
-0.3V to 7V
PHASES, IREF, VSTDOS,
VPROG,
SLADJ1, SLADJ2, VREF,
REFINT,
CLIMADJ, VCORE, COMP,
VFB,
VILx, VIHx, SOFTCAP,
PWRGD,
VIDPGD, VID0-VID5,
VRON
-0.3V to V
CC5V + 0.3V
Differential Voltage (VILx –
VIHx)
1V
Ambient Storage Temp.
Range
-65˚C to +150˚C
Junction Temperature
-20˚C to +150˚C
Minimum ESD Rating
(Note 4)
Human Body Model
Machine Model
±2kV
100pF
1.5 k
Soldering Dwell Time,
Temperature (Note 3)
Wave
Infrared
Vapor Phase
4sec, 260˚C
10sec, 240˚C
75sec, 219˚C
Operating Ratings (Note 1)
V
CC5V
4.65V to 5.5V
Junction Temperature
(Note 2)
0˚C to +110˚C
Electrical Characteristics (Note 5),(Note 6) V
CC5V = 5V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
Q5V
Quiescent V
CC5V
current
V
CC5V = 5.5V, not switching
8.4
10.5
mA
I
Q5V
Quiescent V
CC5V
current
V
CC5V = 5.5V, 4-phase switching
8.5
11
mA
I
SD5V
Shutdown V
CC5V
current
V
CC5V = 5.5V, VRON = Low
0.1
10
µA
T
SD
Thermal Shutdown
Threshold
Rising temperature
165
˚C
T
SDH
Thermal Shutdown
Threshold Hysteresis
10
˚C
UNDER VOLTAGE LOCKOUT
V
5UVLO
VCC5V UVLO
THreshold
Rising Edge
4.15
4.3
4.6
V
Falling Edge
3.85
4.05
4.35
V
5UVLOH
VCC5V UVLO
Hysteresis
0.25
V
DAC: VID0-5, VDAC
VID0-5 Inputs Logic
LOW
0.4
V
VID0-5 Inputs Logic
HIGH
0.8
V
VID0-5 Low-to-High
Threshold
0.7
V
VID0-5 Threshold
Hysteresis
0.2
V
VID0-5 Inputs Internal
Pull-up Current
VID0-5 = Low
5
20
µA
DAC Output Voltage
Programming
Resolution
Per VID code table, Measured at VPROG
12.5
mV
DAC Accuracy measured at VPROG pin over
-5˚C < T
J < 110˚C
www.national.com
6


Podobny numer części - LM27262MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2726 NSC-LM2726 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
LM2726M NSC-LM2726M Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2726M TI1-LM2726M Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
LM2726M/NOPB TI1-LM2726M/NOPB Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
National Semiconductor ...
LM2726MX NSC-LM2726MX Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results

Podobny opis - LM27262MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Moxa Inc.
V2403 MOXA-V2403 Datasheet
1Mb / 6P
   Intel 3rd Gen Core CPU industrial computer
V2406C MOXA-V2406C Datasheet
2Mb / 7P
   7th Gen Intel Core CPU railway computers
logo
Maxim Integrated Produc...
MAX1718 MAXIM-MAX1718 Datasheet
700Kb / 35P
   Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning IMVP-II
19-1960; Rev 3; 8/02
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
logo
Protech Systems Co., Lt...
PSB-701LF PROTECHSYSTEMS-PSB-701LF Datasheet
494Kb / 2P
   Socket 775 Intel Core 2Duo Core 2Quad PICMG 1.3 CPU Card
logo
Richtek Technology Corp...
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com