Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM79Q4457V Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części AM79Q4457V
Szczegółowy opis  Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q4457V Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  AM79Q4457V Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q4457V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
SLAC Products
5
ORDERING INFORMATION
Standard Products
Legerity standard products are available in several packages and operating ranges. The order number (Valid Combina-
tion) is formed by a combination of the elements below.
Am79Q4457/5457
J
TEMPERATURE RANGE
*C = Commercial (0
°C to 70°C;
Relative Humidity = 15% to 95%)
PACKAGE TYPE
J = 44-Pin Plastic Leaded Chip Carrier (PL 044)
—Am79Q4457 Only
32-Pin Plastic Leaded Chip Carrier (PL 032)
—Am79Q5457 Only
V = 44-Pin Thin Quad Flat Pack (PQT 044)
—Am79Q4457 and Am79Q5457
DEVICE NUMBER/DESCRIPTION
Am79Q4457/5457
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Device
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local Legerity sales office to confirm availabil-
ity of specific valid combinations, to check on new-
ly released combinations, and to obtain additional
data on Legerity’s standard military–grade prod-
ucts.
C
Valid Combinations
Am79Q4457
JC
Am79Q5457
JC
Am79Q4457
VC
Am79Q5457
VC
Note:
* The performance specifications contained in this data sheet for 0
°C to +70°C operation are guaranteed by 100% factory testing
at 65
°C. Extended temperature range specifications (–40°C to +85°C) are guaranteed by characterization and periodic sampling
of production units.


Podobny numer części - AM79Q4457V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021 ETC1-AM79Q021 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021JC ETC1-AM79Q021JC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q021VC ETC1-AM79Q021VC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
AM79Q02JC ETC1-AM79Q02JC Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
More results

Podobny opis - AM79Q4457V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com