Zakładka z wyszukiwarką danych komponentów |
|
TC55VZM216AJJN08 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TC55VZM216AJJN08 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 11 page TC55VZM216AJJN/AFTN08,10,12 2003-01-17 3/11 DC RECOMMENDED OPERATING CONDITIONS (Ta ==== 0° to 70°C) SYMBOL PARAMETER MIN TYP MAX UNIT VDD Power Supply Voltage 3.0 3.3 3.6 V VIH Input High Voltage 2.0 VDD + 0.3** V VIL Input Low Voltage −0.3* 0.8 V *: −1.0 V with a pulse width of 20% of tRC min (4 ns max) **: VDD + 1.0 V with a pulse width of 20% of tRC min (4 ns max) DC CHARACTERISTICS (Ta ==== 0° to 70°C, VDD ==== 3.3 V ±±±± 0.3 V) SYMBOL PARAMETER TEST CONDITION MIN TYP MAX UNIT IIL Input Leakage Current (Except NU pin) VIN = 0 to VDD −1 1 µA ILO Output Leakage Current CE = VIH or WE = VIL or OE = VIH, VOUT = 0 to VDD −1 1 µA II (NU) Input Leakage Current (NU pin) VIN = 0 V −1 1 µA IOH = −2 mA 2.4 VOH Output High Voltage IOH = −100 µA VDD − 0.2 IOL = 2 mA 0.4 VOL Output Low Voltage IOL = 100 µA 0.2 V tcycle = 8 ns 170 tcycle = 10 ns 160 IDDO1 CE = VIL, IOUT = 0 mA, OE = VIH, Other Input = VIH/VIL tcycle = 12 ns 150 tcycle = 8 ns 140 tcycle = 10 ns 130 IDDO2 Operating Current CE = 0.2 V, IOUT = 0 mA, OE = VDD − 0.2 V, Other Input = VDD − 0.2 V/0.2 V tcycle = 12 ns 120 mA IDDS1 CE = VIH, Other Input = VIH or VIL 55 IDDS2 Standby Current CE = VDD − 0.2 V, Other Input = VDD − 0.2 V or 0.2 V 4 mA CAPACITANCE (Ta ==== 25°C, f ==== 1 .0 MHz) SYMBOL PARAMETER TEST CONDITION MAX UNIT CIN Input Capacitance VIN = GND 6 pF CI/O Input/Output Capacitance VI/O = GND 8 pF Note: This parameter is periodically sampled and is not 100% tested. |
Podobny numer części - TC55VZM216AJJN08 |
|
Podobny opis - TC55VZM216AJJN08 |