Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


APL1117 Datasheet(Arkusz danych) 6 Page - Anpec Electronics Coropration

Numer części APL1117
Szczegółowy opis  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
Pobierz  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ANPEC [Anpec Electronics Coropration]
Strona internetowa  http://www.anpec.com.tw
Logo 

 6 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Jun., 2003
APL1117
www.anpec.com.tw
6
APL1117-33
0
1
2
3
4
5
6
-20
30
80
130
180
-0.05
0
0.05
0.1
0.15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
100
300
500
700
900
-0.03
-0.02
-0.01
0
0.01
0.02
0
0.5
1
1.5
2
2.5
3
3.5
01
234
567
89
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
0
0.2
0.4
0.6
0.8
1
Typical Characteristics
Time (
µS)
Dropout Voltage vs. Output Current
Output Current (A)
Output Voltage vs. Input Voltage
Input Voltage (V)
Load Transietn Response
Time (
µS)
Line Transient Response
CIN=10
µF
COUT=10
µF Tantalum
VIN=5V
CIN=10
µF
COUT=10
µF Tantalum
IOUT=0.1A
APL1117-33
APL1117-33




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
APL10861.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V 2.85V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
HPL11171A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V 2.85V 3.3V and 5V 1 2 3 4 5 MoreList of Unclassifed Manufacturers
APL1087800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
APL1087E800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
APL1087R800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
APL10845A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
APL15411A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V 1 2 3 4 5 MoreAnpec Electronics Coropration
LD1585C5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
REG1117800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)