Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4700DY Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI4700DY
Szczegółowy opis  Power Selector Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4700DY Arkusz danych(HTML) 6 Page - Vishay Siliconix

  SI4700DY Datasheet HTML 1Page - Vishay Siliconix SI4700DY Datasheet HTML 2Page - Vishay Siliconix SI4700DY Datasheet HTML 3Page - Vishay Siliconix SI4700DY Datasheet HTML 4Page - Vishay Siliconix SI4700DY Datasheet HTML 5Page - Vishay Siliconix SI4700DY Datasheet HTML 6Page - Vishay Siliconix SI4700DY Datasheet HTML 7Page - Vishay Siliconix SI4700DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si4700DY
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-6
Document Number: 71110
S-00025—Rev. A, 24-Jan-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
20
40
60
80
100
0
20406080
100
td(off) Variation with RG/VS1
RG (kW)
VS! = 2.5 V
VON/OFF = 3 V
VG = 12 V
CO = 10 mF
IL = 1 A
VS! = 3.3 V
VS! = 5 V
0
40
80
120
160
200
0
20406080
100
tf Variation with RG/VS1
RG (kW)
VS! = 2.5 V
VON/OFF = 3 V
VG = 12 V
CO = 10 mF
IL = 1 A
VS! = 3.3 V
VS! = 5 V
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
ALL CHANNELS
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
10
600
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 82_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
100
10–3
10–2
110
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)


Podobny numer części - SI4700DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

Podobny opis - SI4700DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
   3.0 A Power Selector Switch
November, 2015 ??Rev. 2
logo
DAICO Industries, Inc.
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
   Switch Selector UHF Antenna
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com