Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD2142K Arkusz danych(PDF) 2 Page - Rohm

Numer części 2SD2142K
Szczegółowy opis  High-gain Amplifier Transistor (30V, 0.3A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD2142K Arkusz danych(HTML) 2 Page - Rohm

  2SD2142K Datasheet HTML 1Page - Rohm 2SD2142K Datasheet HTML 2Page - Rohm 2SD2142K Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1759
Transistors
Rev.A
2/2
Electrical characteristics curves
0
1.0
2.0
COLLECTOR - EMITTER VOLTAGE : VCE (V)
0
100
200
300
400
500
Fig.1 Typical output characteristics (
Ι )
Ta
=25
°C
IB
=0µA
2.0
4.0
6.0
8.0
10
12
14
16
18
20
0
1.0
2.0
3.0
4.0
5.0
COLLECTOR - EMITTER VOLTAGE : VCE (V)
0
20
40
60
80
100
Fig.2 Typical output characteristics (
ΙΙ )
Ta
=25
°C
IB
=0µA
0.2
0.4
0.8
1.2
1.6
1.8
2.0
2.4
COLLECTOR CURRENT : IC (mA)
2.2
2.0
1.8
1.6
1.4
1.0 2.0
5.0 10
20
50 100
200
500 1000
1.2
1.0
0.8
0.6
0.4
Fig.3 Base emitter 'ON' voltage
vs. collector current
Ta
=25
°C
VCE
=5V
COLLECTOR CURRENT : IC (mA)
Fig.6 Collector emitter saturation voltage
vs. collector current
1.8
1.6
1.4
1.2
1.0 2.0
5.0 10
20
50 100
200
500 1000
1.0
0.8
0.6
0.4
0.2
0
Ta
=25
°C
IC/IB
=1000
0.1
5.0 10 20
50 100 200
500 1000
0.2
0.5 1.0 2.0
COLLECTOR CURRENT : IC (mA)
1k
2k
5k
10k
20k
50k
100k
Fig.4 DC current gain vs. collector current (
Ι )
VCE
=10V
5V
3V
Ta
=25
°C
0.1
5.0 10 20
50 100 200
500 1000
0.2
0.5 1.0 2.0
COLLECTOR CURRENT : IC (mA)
1k
2k
5k
10k
20k
50k
100k
Fig.5 DC current gain vs. collector current (
ΙΙ )
Ta
=25
°C
VCE
=5V
Ta
=25
°C
Ta
=
−55
°C
COLLECTOR CURRENT : IC (mA)
2.2
2.0
1.8
1.6
1.4
1
2
51020
50 100
200
500 1000
1.2
1.0
0.8
0.6
0.4
Fig.7 Base emitter saturation voltage
vs. collector current
Ta
=25
°C
IC/IB
=1000
1.0
10
20
50
100
200
500
1000
5.0
2.0
COLLECTOR CURRENT : IC (mA)
10
20
50
100
200
500
1000
Fig.8 Current gain-bandwidth product
vs. collector current
Ta
=25
°C
VCE
=5V
0.5
12
5
10
20
5
REVERSE BIAS VOLTAGE (V)
0
1
2
5
10
20
50
100
Fig.9 Capacitance vs. reverse bias voltage
Ta
=25
°C
f=1MHz
Cib
Cob


Podobny numer części - 2SD2142K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2142K ROHM-2SD2142K Datasheet
48Kb / 2P
   High-gain Amplifier Transistor (32V, 0.3A)
2SD2142K ROHM-2SD2142K Datasheet
82Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2142K ROHM-2SD2142K Datasheet
61Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
logo
Foshan Blue Rocket Elec...
2SD2142K FOSHAN-2SD2142K Datasheet
933Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
Rohm
2SD2142KT146 ROHM-2SD2142KT146 Datasheet
61Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
More results

Podobny opis - 2SD2142K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2142KT146 ROHM-2SD2142KT146 Datasheet
61Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2142K ROHM-2SD2142K_1 Datasheet
82Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2470 ROHM-2SD2470 Datasheet
48Kb / 2P
   High-gain Amplifier Transistor (32V, 0.3A)
2SD1383K ROHM-2SD1383K Datasheet
72Kb / 4P
   High-gain Amplifier Transistor (32V, 0.3A)
2SB852K ROHM-2SB852K Datasheet
73Kb / 4P
   High-gain Amplifier Transistor (-32V, -0.3A)
2SD1383K-2 ROHM-2SD1383K-2 Datasheet
86Kb / 3P
   High-gain Amplifier Transistor (32V , 0.3A)
2SD1383K ROHM-2SD1383K_1 Datasheet
75Kb / 3P
   High-gain Amplifier Transistor (32V , 0.3A)
2SC2062S ROHM-2SC2062S Datasheet
70Kb / 3P
   High-gain Amplifier Transistor ( 32V, 0.3A)
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com