Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC210 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TC210
Szczegółowy opis  192- x 165-PIXEL CCD IMAGE SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TC210 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TC210 Datasheet HTML 3Page - Texas Instruments TC210 Datasheet HTML 4Page - Texas Instruments TC210 Datasheet HTML 5Page - Texas Instruments TC210 Datasheet HTML 6Page - Texas Instruments TC210 Datasheet HTML 7Page - Texas Instruments TC210 Datasheet HTML 8Page - Texas Instruments TC210 Datasheet HTML 9Page - Texas Instruments TC210 Datasheet HTML 10Page - Texas Instruments TC210 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC210
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS009B – OCTOBER 1986 – REVISED MAY 1990
2-9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
optical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Note 10)
No IR filter
Measured at VU (see Note 11)
260
mV/lx
Sensitivity (see Note 10)
With IR filter
Measured at VU (see Note 11)
33
mV/lx
Saturation signal (see Note 12)
Antiblooming disabled
400
600
mV
Saturation signal (see Note 12)
Antiblooming enabled
350
450
mV
Blooming overload ratio (see Note 13)
Strobe
5
Blooming overload ratio (see Note 13)
Shuttered light
100
Output signal nonuniformity (1/2 saturation) (see Note 14)
10%
20%
Image-area well capacity
1.5
×105
electrons
Dark current
TA = 21°C
0.027
nA/cm2
Dark signal (see Note 15)
10
15
mV
Dark signal nonuniformity for entire field (see Note 16)
4
15
mV
Modulation transfer function
Horizontal
50%
Modulation transfer function
Vertical
70%
NOTES: 10. Sensitivity is measured at an integration time of 16.667 ms and a source temperature of 2856 K. A CM-500 filter is used.
11. VU is the output voltage that represents the threshold of operation of antiblooming. VU ≈ 1/2 saturation signal.
12. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
13. Blooming overload ratio is the ratio of blooming exposure to saturation exposure.
14. Output signal nonuniformity is the ratio of the maximum pixel-to-pixel difference in output signal to the mean output signal for
exposure adjusted to give 1/2 the saturation output signal.
15. Dark-signal level is measured from the dummy pixels.
16. Dark-signal nonuniformity is the maximum pixel-to-pixel difference in a dark condition.
PARAMETER MEASUREMENT INFORMATION
tr = 220 ns, tf = 330 ns for IAG
tr = 115 ns, tf = 135 ns for ABG
tf
tr
0%
VIL max
10%
VIH min
90%
100%
Intermediate Level
Figure 3. Typical Clock Waveform for IAG and ABG


Podobny numer części - TC210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allied Components Inter...
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes
More results

Podobny opis - TC210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC285SPD-B0 TI-TC285SPD-B0 Datasheet
419Kb / 30P
[Old version datasheet]   1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com