Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KF2002-GD31A Arkusz danych(PDF) 1 Page - Rohm

Numer części KF2002-GD31A
Szczegółowy opis  Compact medium speed thick film thermal printhead (8 dots /mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

KF2002-GD31A Arkusz danych(HTML) 1 Page - Rohm

  KF2002-GD31A Datasheet HTML 1Page - Rohm KF2002-GD31A Datasheet HTML 2Page - Rohm KF2002-GD31A Datasheet HTML 3Page - Rohm KF2002-GD31A Datasheet HTML 4Page - Rohm KF2002-GD31A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KF2002-GD31A
Printheads
1/4
Compact medium speed thick film
thermal printhead (8 dots / mm)
KF2002-GD31A
Using its expertise in LSI technology, ROHM has developed new high density driver chips for use in the KF2002-GD31A .
Capable of being employed for both thermal and thermal transfer printing, with a print speed of 200mm/s, the resulting
print heads are the fastest in their class. This high-speed and high-density printing answers the needs of POS, ATM,
KIOSK and ticket printing devices, which are increasingly being called upon to produce graphical output.
Applications
POS printers
ATM printers
KIOSK printers
Ticket printers
Features
1) The use of a special partial glaze and the latest heating element structure, along with new high-density driver chips that
can accept big current, has allowed ROHM to achieve print speeds of 200mm/s with using thermal history control, the
fastest in its class.
2) Standard printheads in the line up are capable of 203 or 300 dpi. They achieve the high resolution needed for graphics
and other complex print patterns.
3) One rank resistance value of 800
Ω ± 3% eliminates the inconvenience of rank selection.
4) Achieves the high life expectancy by forming the electrically conductive hard over coating layer on the heat element.
5) 2-inch, 3-inch, 4-inch and 5.5-inch series are available.
External dimensions (Unit : mm)
65
56 (EFFECTIVE PRINT WIDTH)
55
±0.2
2
−M3 (EFFECTIVE DEPTH 3)
5
±0.2
DOT #448
DOT #1
CONNECTOR B
CONNECTOR A
NO.15
NO.1
NO.1
NO.15
5.1
±0.4
4
±0.2


Podobny numer części - KF2002-GD31A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
KF2002-GD10A ROHM-KF2002-GD10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results

Podobny opis - KF2002-GD31A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
KD2003-DF10A ROHM-KD2003-DF10A Datasheet
62Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2004-DF10A ROHM-KD2004-DF10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2002-DF10A ROHM-KD2002-DF10A_07 Datasheet
155Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD10A ROHM-KF2002-GD10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GC10A ROHM-KF2003-GC10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GC10A ROHM-KF2004-GC10A Datasheet
174Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GD10A ROHM-KF2003-GD10A Datasheet
177Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GD10A ROHM-KF2004-GD10A Datasheet
176Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2005-GD45A ROHM-KF2005-GD45A Datasheet
70Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2003-DF11A ROHM-KD2003-DF11A Datasheet
82Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GC10A ROHM-KF2002-GC10A Datasheet
180Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com