Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8588BJ Arkusz danych(PDF) 12 Page - NXP Semiconductors

Numer części TDA8588BJ
Szczegółowy opis  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588BJ Arkusz danych(HTML) 12 Page - NXP Semiconductors

Back Button TDA8588BJ Datasheet HTML 8Page - NXP Semiconductors TDA8588BJ Datasheet HTML 9Page - NXP Semiconductors TDA8588BJ Datasheet HTML 10Page - NXP Semiconductors TDA8588BJ Datasheet HTML 11Page - NXP Semiconductors TDA8588BJ Datasheet HTML 12Page - NXP Semiconductors TDA8588BJ Datasheet HTML 13Page - NXP Semiconductors TDA8588BJ Datasheet HTML 14Page - NXP Semiconductors TDA8588BJ Datasheet HTML 15Page - NXP Semiconductors TDA8588BJ Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
2004 Feb 24
12
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
V
(V)
t (sec)
tbackup
out of regulation
VO(REG2)
VBUCAP
VP
mdb512
Fig.5 Backup capacitor function.
t
backup
C
backup
V
P
V
OREG2
()
0.5
I
L
----------------------------------------------------


×
=
Reset output
A reset pulse is generated at pin RST when the output
voltage of regulator 2 rises above the reset threshold
value. The reset output is a push-pull output that both
sources and sinks current. The output voltage can switch
between ground and VO(REG2), and operates at a low
regulator 2 voltage or VBUCAP. The RST signal is controlled
by a low-voltage detection circuit which, when activated,
pulls pin RST LOW (reset active) when VO(REG2) is
≤ Vth(rst). If VO(REG2) ≥ Vth(rst), pin RST goes HIGH. The
reset pulse is delayed by 40
µs internally. To extend the
delay and to prevent oscillations occurring at the threshold
voltage, an external capacitor can be connected to
pin RESCAP. Note that a reset pulse is not generated
when VO(REG2) falls below the reset threshold value.
Reset delay capacitor
A Reset Delay Capacitor (RDC) connected to
pin RESCAP can be used to extend the delay period of the
reset pulse and to ensure that a clean reset signal is sent
to the microcontroller. The RDC is charged by a current
source. The reset output (pin RST) will be released
(pin RST goes HIGH) when the RDC voltage crosses the
RDC threshold value.
Power switches
There are two power switches that provide an unregulated
DC voltage output for amplifiers and an aerial motor
respectively. The switches have internal protection for
over-temperature conditions and are activated by setting
bits D2 and D3 of instruction byte IB1 to logic 1. The
regulated outputs will supply pulsed current loads that can
contaminate the line with high frequency noise, so it is
important to prevent any cross-coupling between the
regulated outputs, particularly with the 8.3 V audio supply,
and the unregulated outputs.
In the ON state, the switches have a low impedance to the
battery voltage. When the battery voltage is higher than
22 V, the switches are switched off. When the battery
voltage is below 22 V the switches are set to their original
condition.


Podobny numer części - TDA8588BJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8589AJ PHILIPS-TDA8589AJ Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Podobny opis - TDA8588BJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
   4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
May 2011
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
   4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com