Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM02B-BHSS-1-TB Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SM02B-BHSS-1-TB
Szczegółowy opis  Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SM02B-BHSS-1-TB Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SM02B-BHSS-1-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM02B-BHSS-1-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM02B-BHSS-1-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
104
Low profile connectors with high
withstanding voltage, designed for
connecting liquid crystal display backlight
lamps to their starters.
Features ––––––––––––––––––––––––
• Low profile
Allows liquid crystal displays to be thinner, only 3.2mm (.126").
• SMT configuration
Shrouded headers are SMT style, suited for high density
mounting. The headers feature reinforcing solder tabs to
prevent lifting of the header during mating and unmating.
• Applicable to special wires
Its crimp style contact can be inserted into the housing with little
force, thus making them suitable for use with flexible wires such
as those insulated with silicone rubber.
• Housing lock also serves as polarizing device
The housing lock, which is also designed to be a polarizing
device, prevents both misinsertion and accidental
disengagement due to vibration or shock.
• Two kinds of connections
The BHS connectors can be used for wire-to-wire or wire-to-
board connections.
Specifications –––––––––––––––––––
• Current rating:
1.0A AC, DC (AWG #24)
• Voltage rating:
1,400V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m Ω max.
After environmental testing/20m Ω max.
• Insulation resistance:
1,000M Ω min.
• Withstanding voltage:
3,800V AC/minute
• Applicable wire: AWG #28 to #24
Insulation O.D/0.9 to 1.7mm (.035" to .067")
* Contact JST for details.
Standards–––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
BHS CONNECTOR
Disconnectable Crimp style connectors
3.5mm
(.138") pitch
Emboss Tape


Podobny numer części - SM02B-BHSS-1-TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
SM02B-BHTS-B-TB ETC1-SM02B-BHTS-B-TB Datasheet
48Kb / 3P
   Disconnectable Crimp style connectors
More results

Podobny opis - SM02B-BHSS-1-TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com