Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK18TA8 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części STK18TA8
Szczegółowy opis  nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STK18TA8 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STK18TA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 13Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
STK18TA8
April 2005
Document Control #ML0028 rev 0.8
11
Table 1. SPI
TM INSTRUCTION SET
Instruction
Name
Code
Description
READ
0x03
Read SRAM data from selected address.
WRITE
0x02
Write SRAM data from selected address.
FREAD
0x0B
Fast read of SRAM data from selected address. (First byte is the delay byte).
CTLSEQ
0x0F
Device control command sequence.
Table 2. CONTROL COMMAND SEQUENCES
Command
Name
CMD Bytes
Description
STORE
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Commands Device to transfer the SRAM data to the nonvolatile memory elements.
RECALL
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Commands Device to transfer the nonvolatile memory contents to the SRAM memory.
AUTOENA
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Turns on the AUTOSTORE
TM feature of the device, enabling automatic stores to nonvolatile memory
when VCC drops below VSWITCH.
AUTODIS
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Turns off the AUTOSTORE
TM feature of the device, disabling the automatic stores to nonvolatile
memory. STORES invoked by the control command STORE sequence and stores invoked by driving
the HSB pin remain enabled.


Podobny numer części - STK18TA8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK1820F AUK-STK1820F Datasheet
467Kb / 8P
   Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
STK1820F VBSEMI-STK1820F Datasheet
1Mb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
AUK corp
STK1828EF AUK-STK1828EF Datasheet
284Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK1828M AUK-STK1828M Datasheet
279Kb / 4P
   N-Channel Enhancement-Mode MOSFET
More results

Podobny opis - STK18TA8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com