Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA-580 Arkusz danych(PDF) 2 Page - Rohm

Numer części SLA-580
Szczegółowy opis  High Brightness Type 5 Circular Type LED Lamps Type 2 1/2:12>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

SLA-580 Arkusz danych(HTML) 2 Page - Rohm

  SLA-580 Datasheet HTML 1Page - Rohm SLA-580 Datasheet HTML 2Page - Rohm SLA-580 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONVENTIONAL LED LAMPS
10
100
2.5
3.5
4.5
1
FORWARD VOLTAGE : V
1.5
1
0.5
0
20
10
30
0
PEAK FORWARD CYRRENT :
(mA)
f=1kHz
1
1
3.3
10
10
100
1000
10000
PULSE DURATION : Tw
(μs)
20
10
0
40
30
AMBIENT TEMPERATURE : Ta
(℃)
-20 -10 0 102030405060708090 100
SLA580BBT
SLA580BCT
SLA580BDT
SLA580EBT
SLA580ECT
SLA580EDT
SLA580BBT
SLA580BCT
SLA580BDT
SLA580EBT
SLA580ECT
SLA580EDT
SLA580BBT
SLA580BCT
SLA580BDT
SLA580EBT
SLA580ECT
SLA580EDT
SLA580BBT
SLA580BCT
SLA580BDT
SLA580EBT
SLA580ECT
SLA580EDT
SLA580BBT
SLA580BCT
SLA580BDT
SLA580EBT
SLA580ECT
SLA580EDT
20
10
5.0
2.0
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25℃
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
CASE TEMPERATURE : Tc
(℃)
1
2
1.5
2.4
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(μs)
40
30
20
10
0
-25 -20 -10 050
40
30
20
10
60 70 80 90
60
50
AMBIENT TEMPERATURE : Ta
(℃)
SLA-580MT
SLA-580LT
SLA-580MT
SLA-580LT
SLA-580MT
SLA-580LT
SLA-580MT
SLA-580LT
SLA-580MT
SLA-580LT
IF=20mA
1.4
1.2
1.0
0.8
0.6
0.4
-20
0
20
40
60
80
IF=20mA
CASE TEMPERATURE : Tc
(℃)
2
1
0.5
0.2
0.1
0.05
0.02
0.01
12
510
20
50
100
5
FORWARD CURRENT : IF
(mA)
Ta=25
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current


Podobny numer części - SLA-580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SLA-580 ROHM-SLA-580 Datasheet
136Kb / 4P
   High luminance, small LEDs f5.0 mm
SLA-580 ROHM-SLA-580 Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-580LT3F ROHM-SLA-580LT3F Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-580LT3F ROHM-SLA-580LT3F Datasheet
764Kb / 12P
   SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
SLA-580MT ROHM-SLA-580MT Datasheet
161Kb / 3P
   5.0(T-1 3/4) Circular Type High Brightness Type
More results

Podobny opis - SLA-580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SLI-580 ROHM-SLI-580 Datasheet
300Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLI-570 ROHM-SLI-570 Datasheet
333Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLA-570 ROHM-SLA-570 Datasheet
211Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
   High Brightness Type pi=5.0 Circular Type LED Lamps
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
   High Brightness Type PI 3.1 Circular Type LED Lamps
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
   ?3.1(T-1) Circular Type High Brightness Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-343 ROHM-SLI-343 Datasheet
407Kb / 3P
   High Brightness Type 3.1 Circular Type LED Lamps
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com