Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX-3V-SM Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części CX-3V-SM
Szczegółowy opis  18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CX-3V-SM Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  CX-3V-SM Datasheet HTML 1Page - List of Unclassifed Manufacturers CX-3V-SM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10104 - Rev A
DESCRIPTION
The CX-3V-SM quartz crystals are leadless devices
designed for surface mounting on printed circuit boards
or hybrid substrates. These miniature crystals are
intended to be used in Pierce oscillators. They are
hermetically sealed in a rugged, miniature ceramic
package. They are manufactured using the STATEK-
developed
photolithographic
process,
and
were
designed utilizing the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications. Maximum process temperature
should not exceed 260
OC.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX-3V-SM CRYSTAL
18 kHz to 600 kHz
Miniature
Surface Mount
Quartz Crystal for Pierce Oscillators
TM
A
B
D
D
D
TOP
BOTTOM
C
E
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.265
6.73
.280
7.11
B
.103
2.62
.114
2.90
C
-
-
see below
D
.050
1.27
.060
1.52
E
.052
1.32
.062
1.57
DIM “C“”
GLASS LID
CERAMIC LID
MAX
INCHES
mm
INCHES
mm
SM1
.058
1.47
.069
1.75
SM2
.060
1.52
.071
1.80
SM3
.063
1.60
.074
1.88
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
.070[1.78]
.215[5.46]
.120[3.05]
INCHES[mm]
actual size
side view
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX-1
Contact factory for
design guidelines
OSC
Freq (f )
O
R
f
C
S
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
CX-3


Podobny numer części - CX-3V-SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EUROQUARTZ limited
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM132.768A EUROQUARTZ-CX-3V-SM132.768A Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM132.768B EUROQUARTZ-CX-3V-SM132.768B Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM132.768C EUROQUARTZ-CX-3V-SM132.768C Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM232.768A EUROQUARTZ-CX-3V-SM232.768A Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
More results

Podobny opis - CX-3V-SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RSG Electronic Componen...
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
   order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
   18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com