Zakładka z wyszukiwarką danych komponentów |
|
KM6161002B-10 Arkusz danych(PDF) 2 Page - Samsung semiconductor |
|
KM6161002B-10 Arkusz danych(HTML) 2 Page - Samsung semiconductor |
2 / 9 page KM6161002B, KM6161002BI CMOS SRAM Rev 2.0 - 2 - February 1998 PIN FUNCTION Pin Name Pin Function A0 - A15 Address Inputs WE Write Enable CS Chip Select OE Output Enable LB Lower-byte Control(I/O 1~I/O8) UB Upper-byte Control(I/O 9~I/O16) I/O1 ~ I/O16 Data Inputs/Outputs VCC Power(+5.0V) VSS Ground N.C No Connection 64K x 16 Bit High-Speed CMOS Static RAM The KM6161002B is a 1,048,576-bit high-speed Static Random Access Memory organized as 65,536 words by 16 bits. The KM6161002B uses 16 common input and output lines and has at output enable pin which operates faster than address access time at read cycle. Also it allows that lower and upper byte access by data byte control ( UB, LB). The device is fabricated using SAMSUNG ′s advanced CMOS process and designed for high-speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The KM6161002B is packaged in a 400mil 44-pin plastic SOJ or TSOP2 forward. GENERAL DESCRIPTION FEATURES • Fast Access Time 8,10,12ns(Max.) • Low Power Dissipation Standby (TTL) : 50 mA(Max.) (CMOS) : 10 mA(Max.) Operating KM6161002B - 8 : 200 mA(Max.) KM6161002B - 10 : 195 mA(Max.) KM6161002B - 12 : 190 mA(Max.) • Single 5.0V ±10% Power Supply • TTL Compatible Inputs and Outputs • I/O Compatible with 3.3V Device • Fully Static Operation - No Clock or Refresh required • Three State Outputs • Center Power/Ground Pin Configuration • Data Byte Control : LB : I/O1~ I/O8, UB : I/O9~ I/O16 • Standard Pin Configuration KM6161002BJ : 44-SOJ-400 KM6161002BT : 44-TSOP2-400F Clk Gen. I/O1~I/O8 OE UB CS PIN CONFIGURATION (Top View) SOJ/ FUNCTIONAL BLOCK DIAGRAM TSOP2 Data Cont. Column Select A10 A11 A12 A13 A14 A15 CLK Gen. Pre-Charge Circuit Memory Array 256 Rows 256x16 Columns I/O Circuit & 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 A15 A14 A13 OE UB LB I/O16 I/O15 I/O14 I/O13 Vss Vcc I/O12 I/O11 I/O10 I/O9 N.C. A12 A11 A10 A9 N.C. A0 A1 A2 A3 A4 CS I/O1 I/O2 I/O3 I/O4 Vcc Vss I/O5 I/O6 I/O7 I/O8 WE A5 A6 A7 A8 N.C. A0 I/O9~I/O16 Data Cont. WE LB 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 KM6161002B -8/10/12 Commercial Temp. KM6161002BI -8/10/12 Industrial Temp. ORDERING INFORMATION A1 A2 A3 A4 A5 A6 A7 A8 A9 |
Podobny numer części - KM6161002B-10 |
|
Podobny opis - KM6161002B-10 |