Zakładka z wyszukiwarką danych komponentów |
|
AD8205 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD8205 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 12 page AD8205 Rev. 0 | Page 3 of 12 SPECIFICATIONS TA = Operating Temperature Range, VS = 5 V, unless otherwise noted. Table 1. AD8205 SOIC AD8205 DIE Parameter Conditions Min Typ Max Min Typ Max Unit GAIN Initial 50 50 V/V Accuracy VO ≥ 0.1 V dc, 25°C ±1 ±1 % Accuracy Over Temperature Specified Temperature Range ±1.2 ±1.3 % Gain vs. Temperature ±30 ±30 ppm/°C VOLTAGE OFFSET Offset Voltage (RTI) 25°C ±2 ±2.5 mV Over Temperature (RTI) Specified Temperature Range ±4.5 ±6 mV Offset Drift 15 15 µV/°C INPUT Input Impedance Differential 400 400 kΩ Common Mode 200 200 kΩ Input Voltage Range Common Mode, Continuous −2 65 −2 65 V Differential1 100 100 mV Common-Mode Rejection 25°C, f = DC to 20 kHz2 78 86 78 86 dB Operating Temperature Range, f = DC to 20 kHz2 76 80 76 80 dB OUTPUT Output Voltage Range RL = 25 kΩ 0.05 4.8 0.05 4.8 V Output Resistance 200 200 Ω DYNAMIC RESPONSE Small Signal −3 dB Bandwidth 50 50 kHz Slew Rate 0.5 0.5 V/µs NOISE 0.1 Hz to 10 Hz, RTI 20 20 µV p-p Spectral Density, 1 kHz, RTI 0.5 0.5 µV/√Hz OFFSET ADJUSTMENT Ratiometric Accurancy3 Divider to Supplies 0.497 0.503 0.497 0.503 V/V Accuracty, RTO Voltage applied to VREF1 and VREF2 in Parallel ±2 ±2 mV/V Output Offset Adjustment Range VS = 5 V 0.05 4.8 0.05 4.8 V VREF Divider Resistor Values 24 32 40 24 32 40 kΩ POWER SUPPLY Operating Range 4.5 5.5 4.5 5.5 V Quiescent Current Over Temperature VO = 0.1 V dc 2 2 mA Power Supply Rejection Ratio 70 70 dB Temperature Range For Specified Performance Operating Temperature Range −40 +125 −40°C +150 °C 1 Input voltage range = ±50 mV with half-scale offset. 2 Source imbalance < 2 Ω. 3 The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies. |
Podobny numer części - AD8205 |
|
Podobny opis - AD8205 |